Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N-48X Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # N-48X
Description  CHASSIS MOUNT : Isolation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

N-48X Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  N-48X Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
CHASSIS MOUNT : Isolation
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
D
B
C
A
BLK
BLK
RED
RED
WHT
N-48X
Electrical Specifications (@25°C)
1. Maximum Power:
15 VA
2. Input Voltage:
115 V, 50 / 60 Hz
3. Output Voltage:
115V + 5%
4. Full Secondary Load: 0.13 Amps RMS
5. Voltage Regulation: 20 % TYP @ full load to no load
Description:
The N-48X is power transformer for isolating equipment from direct connection to the
power line. It is constructed with nonconcentrically wound coils. The primary and
secondary are wound on separate arbors, then assembled on a laminate core
side-by-side separated by insulation. This prevents electrical connection under
normal or overload conditions between the primary and secondary windings.
Safety:
These units are designed with 1500V isolation between winding to winding and
between winding and core. Materials and construction are rated for Class B
insulation system.
Dimensions:
Unit: In inches
Weight: 1.35 lbs
Connections: 7.0±1” leads, 0.250±0.062” Skin & Tin
Schematic:
Input: Blk to Blk
Output: Red to Red
Shield: Wht
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact
Triad Magnetics’ website for the most current version.
A
B
C
D
1.937
3.312
2.00
2.812


Similar Part No. - N-48X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N-48X ETC-N-48X Datasheet
42Kb / 2P
   P O W E R T R A N S F O R M E R CHASSIS MOUNT : Isolation
More results

Similar Description - N-48X

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
N-55MG TRIAD-N-55MG Datasheet
42Kb / 1P
   CHASSIS MOUNT : Isolation
N-76U TRIAD-N-76U Datasheet
116Kb / 1P
   CHASSIS MOUNT : Isolation
N-51X TRIAD-N-51X Datasheet
105Kb / 1P
   CHASSIS MOUNT : Isolation
N-53MG TRIAD-N-53MG Datasheet
42Kb / 1P
   CHASSIS MOUNT : Isolation
N-257MG TRIAD-N-257MG Datasheet
41Kb / 1P
   CHASSIS MOUNT : Isolation
N-67A TRIAD-N-67A Datasheet
86Kb / 1P
   CHASSIS MOUNT : Isolation
N-54MG TRIAD-N-54MG Datasheet
42Kb / 1P
   CHASSIS MOUNT : Isolation
N-55M TRIAD-N-55M Datasheet
42Kb / 1P
   CHASSIS MOUNT : Isolation
N-59M TRIAD-N-59M Datasheet
42Kb / 1P
   CHASSIS MOUNT : Isolation
N-68X TRIAD-N-68X Datasheet
80Kb / 1P
   CHASSIS MOUNT : Isolation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com