Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1524L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1524L
Description  REGULATING PULSE WIDTH MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1524L Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1524L Datasheet HTML 1Page - Microsemi Corporation SG1524L Datasheet HTML 2Page - Microsemi Corporation SG1524L Datasheet HTML 3Page - Microsemi Corporation SG1524L Datasheet HTML 4Page - Microsemi Corporation SG1524L Datasheet HTML 5Page - Microsemi Corporation SG1524L Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SG1524/SG2524/SG3524
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
REGULATING PULSE WIDTH MODULATOR
FEATURES
••••• 8V to 40V operation
••••• 5V reference
••••• Reference line and load regulation of 0.4%
••••• Reference temperature coefficient < ± 1%
••••• 100Hz to 300KHz oscillator range
••••• Excellent external sync capability
••••• Dual 50mA output transistors
••••• Current limit circuitry
••••• Complete PWM power control circuitry
••••• Single ended or push-pull outputs
••••• Total supply current less than 10mA
HIGH RELIABILITY FEATURES - SG1524
♦ Available to MIL-STD-883B and DESC SMD
♦ MIL-M-38510/12601BEA - JAN1524J
♦ Radiation data available
♦ LMI level "S" processing available
BLOCK DIAGRAM
DESCRIPTION
This monolithic integrated circuit contains all the control circuitry for a
regulating power supply inverter or switching regulator. Included in a 16-
pin dual-in-line package is the voltage reference, error amplifier, oscillator,
pulse width modulator, pulse steering flip-flop, dual alternating output
switches and current limiting and shut-down circuitry. This device can be
used for switching regulators of either polarity, transformer coupled DC to
DC converters, transformerless voltage doublers and polarity converters,
as well as other power applications. The SG1524 is specified for operation
over the full military ambient temperature range of -55°C to +125°C, the
SG2524 for -25°C to +85°C, and the SG3524 is designed for commercial
applications of 0°C to +70°C.


Similar Part No. - SG1524L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1524L MICROSEMI-SG1524L Datasheet
253Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
SG1524L/883B MICROSEMI-SG1524L/883B Datasheet
253Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1524L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com