Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2532 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG2532
Description  PRECISION GENERAL-PURPOSE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG2532 Datasheet(HTML) 2 Page - Microsemi Corporation

  SG2532 Datasheet HTML 1Page - Microsemi Corporation SG2532 Datasheet HTML 2Page - Microsemi Corporation SG2532 Datasheet HTML 3Page - Microsemi Corporation SG2532 Datasheet HTML 4Page - Microsemi Corporation SG2532 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SG1532/SG2532/SG3532
2/93 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞ FAX: (714) 893-2570
Pulse (50 ms) Input Voltage from V
IN to V- .......................
Continuous Input Voltage from V
IN to V-............................
Input to Output Voltage Differential...................................
Maximum Output Current ...........................................
Current from V
Z (J, L-Package only).............................
ABSOLUTE MAXIMUM RATINGS (Note 1)
Current from V
REF..........................................................
Operating Junction Temperature
Hermetic (T, J, L-Packages).......................................
Storage Temperature Range ..........................
Lead Temperature (Soldering, 10 Seconds) .................
25mA
150
°C
-65
°C to 150°C
300
°C
50V
40V
40V
250mA
100mA
Note 1. Exceeding these ratings could cause damage to the device.
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 80°C/W
T Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
25°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
130°C/W
L Package:
Thermal Resistance-Junction to Case,
θ
JC ..................
35°C/W
Thermal Resistance-Junction to Ambient,
θ
JA ...........
120°C/W
THERMAL DATA
Note A. Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for SG1532 with -55
°C ≤ T
A
125
°C, SG2532 with
0°C
≤ T
A ≤ 70°C, SG3532 with 0°C ≤ TA ≤ 70°C, VIN = 10V, VOUT = 5V, and IOUT = 1mA. Low duty cycle pulse testing techniques are used which maintains
junction and case temperatures equal to the ambient temperature.)
Input Voltage Range
SG1532/SG2532 .................................................
SG3532 ..............................................................
Output Current Range .......................................
5V to 45V
5V to 36V
1mA to 100mA
Reference Current ........................................................
Zener Current (J & L-Packages only) ...........................
Operating Ambient Temperature Range
SG1532 ........................................................
SG2532/SG3532 ..............................................
5mA
20mA
-55°C to 125°C
0°C to 70°C
RECOMMENDED OPERATING CONDITIONS (Note 2)
Note 2. Range over which the device is functional.
Units
SG1532/SG2532
Test Conditions
Parameter
Input Voltage Range
Output Voltage Range
Max Output Current
Min (V
IN - VOUT)
Reference Voltage
Temperature Stability (Note 4)
Ref Short Circuit Current
Line Regulation (Note 3)
Load Regulation (Note 3)
Current Limit Sense Voltage
Shutdown Voltage Threshold
Shutdown Source Current
Zener Voltage
Standby Current
Error Amplifier Offset Voltage
Error Amplifier Input Bias
Current
T
A = 25°C
R
SC = 0, VOUT = 0, TA = 25°C
I
OUT = 100mA, TA = 25°C
T
A = 25°C
V
REF = 0, TA = 25°C
8V
≤ V
IN ≤ 40V
8V
≤ V
IN ≤ 20V, IOUT = 25mA
1mA
≤ I
OUT ≤ 25mA
1mA
≤ I
OUT ≤ 100mA
R
SC = 100Ω, VOUT = 0V
V
OUT = high
I
OUT = 10mA, (J and L-Packages only)
V
IN = 40V
SG3532
Min.
Typ. Max. Min.
Typ. Max.
4.5
4.7
2.0
2.40
2.35
0.06
0.40
100
6.0
175
1.7
2.50
0.005
15
0.005
0.01
0.002
0.002
0.08
0.70
200
6.4
2.5
2.0
4.0
50
50
38
250
2.0
2.60
2.65
0.015
25
0.01
0.02
0.004
0.005
0.10
1.0
300
7.2
3.5
10
15
4.5
4.7
2.0
2.40
2.35
0.06
0.40
100
6.0
175
1.7
2.50
0.005
15
0.005
0.01
0.002
0.002
0.08
0.70
200
6.4
2.5
2.0
4.0
40
40
38
250
2.0
2.60
2.65
0.015
25
0.02
0.03
0.004
0.005
0.10
1.0
300
7.2
3.5
15
20
V
V
V
mA
V
V
V
%/°C
mA
%/V
%/V
%/mA
%/mA
V
V
µA
V
mA
mV
µA


Similar Part No. - SG2532

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG2532 MICROSEMI-SG2532 Datasheet
311Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
SG2532J MICROSEMI-SG2532J Datasheet
311Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
SG2532T MICROSEMI-SG2532T Datasheet
311Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
More results

Similar Description - SG2532

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1532 MICROSEMI-SG1532_1 Datasheet
311Kb / 5P
   PRECISION GENERAL-PURPOSE REGULATOR
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
logo
Toshiba Semiconductor
TA7089P TOSHIBA-TA7089P Datasheet
520Kb / 20P
   GENERAL PURPOSE VOLTAGE REGULATOR
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
logo
Intersil Corporation
ISL28177FBZ INTERSIL-ISL28177FBZ Datasheet
1Mb / 15P
   40V General Purpose Precision Operational Amplifier
April 5, 2012
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
   EZBoost 2A General Purpose Regulator
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
   1.5A General Purpose Boost Regulator
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
   General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
   General Purpose and Precision Wirewound Resistor
11/29/2021
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com