Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA64A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SA64A
Description  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA64A Datasheet(HTML) 2 Page - Microsemi Corporation

  SA64A Datasheet HTML 1Page - Microsemi Corporation SA64A Datasheet HTML 2Page - Microsemi Corporation SA64A Datasheet HTML 3Page - Microsemi Corporation SA64A Datasheet HTML 4Page - Microsemi Corporation SA64A Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
ELECTRICAL CHARACTERISTICS AT 25
°C
PART
NUMBER
BREAKDOWN
VOLTAGE V(BR)
MIN.
MAX
TEST
CURRENT
IT
RATED
STAND
OFF
VOLTAGE
VWM
MAX. REVERSE
STANDBY
CURRENT
ID @
VWM
MAX.
PEAK
REVERSE
VOLTAGE
VC MAX.
@ IPP
MAX. PEAK
PULSE
CURRENT
IPP
(Figure 2)
MAX.
TEMP.
COEFFICIENT
OF V(BR)
-55
°°°°C TO
175
°°°°C
α
αα
α
V(BR)
VOLTS
VOLTS
mA
VOLTS
µµµµ ADC
VOLTS
AMP
% /
°°°°C
SA5.0
6.40
7.30
10
5.0
600
9.6
52
.057
SA5.0A
6.40
7.00
10
5.0
600
9.2
54.3
.057
SA6.0
6.67
8.15
10
6.0
600
11.4
43.9
.059
SA6.0A
6.67
7.37
10
6.0
600
10.3
48.5
.059
SA6.5
7.22
8.82
10
6.5
400
12.3
40.7
.061
SA6.5A
7.22
7.98
10
6.5
400
11.2
44.7
.061
SA7.0
7.78
9.51
10
7.0
150
13.3
37.8
.065
SA7.0A
7.78
8.60
10
7.0
150
12.0
41.7
.065
SA7.5
8.33
10.2
1
7.5
50
14.3
35.0
.067
SA7.5A
8.33
9.21
1
7.5
50
12.9
38.8
.067
SA8.0
8.89
10.9
1
8.0
25
15.0
33.3
.070
SA8.0A
8.89
9.83
1
8.0
25
13.6
36.7
.070
SA8.5
9.44
11.5
1
8.5
5
15.9
31.4
.073
SA8.5A
9.44
10.4
1
8.5
5
14.4
34.7
.073
SA9.0
10.0
12.2
1
9.0
1
16.9
29.5
.076
SA9.0A
10.0
11.1
1
9.0
1
15.4
32.5
.076
SA10
11.1
13.6
1
10
1
18.8
26.6
.078
SA10A
11.1
12.3
1
10
1
17.0
29.4
.078
SA11
12.2
14.9
1
11
1
20.1
24.9
.081
SA11A
12.2
13.5
1
11
1
18.2
27.4
.081
SA12
13.3
16.3
1
12
1
22.0
22.7
.082
SA12A
13.3
14.7
1
12
1
19.9
25.1
.082
SA13
14.4
17.6
1
13
1
23.8
21.0
.084
SA13A
14.4
15.9
1
13
1
21.5
23.2
.084
SA14
15.6
19.1
1
14
1
25.8
19.4
.086
SA14A
15.6
17.2
1
14
1
23.2
21.5
.086
SA15
16.7
20.4
1
15
1
26.9
18.8
.087
SA15A
16.7
18.5
1
15
1
24.4
20.6
.087
SA16
17.8
21.8
1
16
1
28.8
17.6
.088
SA6A
17.8
19.7
1
16
1
26.0
19.2
.088
SA17
18.9
23.1
1
17
1
30.5
16.4
.090
SA17A
18.9
20.9
1
17
1
27.6
18.1
.090
SA18
20.0
24.4
1
18
1
32.2
15.5
.092
SA18A
20.0
22.1
1
18
1
29.2
17.2
.092
SA20
22.2
27.1
1
20
1
35.8
13.9
.093
SA20A
22.2
24.5
1
20
1
32.4
15.4
.093


Similar Part No. - SA64A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA64A MOTOROLA-SA64A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA64A TSC-SA64A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA64A WTE-SA64A Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SA64A VISHAY-SA64A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
MDE Semiconductor, Inc.
SA64A MDE-SA64A Datasheet
63Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA64A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P5KE5.0 NJSEMI-P5KE5.0 Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Microsemi Corporation
P5KE50 MICROSEMI-P5KE50 Datasheet
77Kb / 5P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
Micro Commercial Compon...
P5KE50 MCC-P5KE50 Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P4SMAJ50 MCC-P4SMAJ50 Datasheet
704Kb / 4P
   400 Watt Transient Voltage Suppressors 5.0 to 170 Volts
logo
Central Semiconductor C...
CMF50A CENTRAL-CMF50A Datasheet
86Kb / 2P
   UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Microsemi Corporation
SMCGJ6036 MICROSEMI-SMCGJ6036 Datasheet
257Kb / 4P
   5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com