Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30HXXCT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR30HXXCT
Description  Dual Common Cathode High Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30HXXCT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR30HXXCT_15 Datasheet HTML 1Page - Vishay Siliconix MBR30HXXCT_15 Datasheet HTML 2Page - Vishay Siliconix MBR30HXXCT_15 Datasheet HTML 3Page - Vishay Siliconix MBR30HXXCT_15 Datasheet HTML 4Page - Vishay Siliconix MBR30HXXCT_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MBR30HxxCT, MBRF30HxxCT, MBRB30HxxCT
www.vishay.com
Vishay General Semiconductor
Revision: 03-Aug-15
2
Document Number: 88791
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width,
 40 ms
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
VALUE
UNIT
Maximum instantaneous forward voltage per diode
VF (1)
IF = 15 A
TJ = 25 °C
0.82
V
IF = 15 A
TJ = 125 °C
0.67
IF = 30 A
TJ = 25 °C
0.93
IF = 30 A
TJ = 125 °C
0.80
Maximum reverse current per diode
IR (2)
Rated VR
TJ = 25 °C
5.0
μA
TJ = 125 °C
6.0
mA
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance per diode
RJC
1.9
4.6
1.9
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR30H100CT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
MBRF30H100CT-E3/45
1.99
45
50/tube
Tube
TO-263AB
MBRB30H100CT-E3/45
1.35
45
50/tube
Tube
TO-263AB
MBRB30H100CT-E3/81
1.35
81
800/reel
Tape and reel
TO-220AB
MBR30H100CTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
MBRF30H100CTHE3/45 1)
1.99
45
50/tube
Tube
TO-263AB
MBRB30H100CTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
MBRB30H100CTHE3/81 (1)
1.35
81
800/reel
Tape and reel


Similar Part No. - MBR30HXXCT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30HXXCT VISHAY-MBR30HXXCT_V01 Datasheet
154Kb / 5P
   Dual Common Cathode Schottky Rectifier
13-Jun-16
More results

Similar Description - MBR30HXXCT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com