Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3524 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SG3524
Description  REGULATING PULSE WIDTH MODULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3524 Datasheet(HTML) 3 Page - Microsemi Corporation

  SG3524 Datasheet HTML 1Page - Microsemi Corporation SG3524 Datasheet HTML 2Page - Microsemi Corporation SG3524 Datasheet HTML 3Page - Microsemi Corporation SG3524 Datasheet HTML 4Page - Microsemi Corporation SG3524 Datasheet HTML 5Page - Microsemi Corporation SG3524 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SG1524/SG2524/SG3524
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞ FAX: (714) 893-2570
V
IN = 40V
Standby Current
0.8
0.5
0.2
Threshold Voltage
T
J = 25°C
MIN
≤ T
J ≤ MAX
200
190
Current Limit Amplifier Section (Note 6)
Sense Voltage
Input Bias Current
49
0
45
49
45
P.W.M. Comparator (Note 4)
V
COMP = 0.5V
V
COMP = 3.6V
Minimum Duty Cycle
Maximum Duty Cycle
0
%
%
Error Amplifier Section (Note 5)
R
S ≤ 2KΩ
R
L ≥10MΩ, TJ = 25°C
V
PIN 1 - VPIN 2 ≥ 150mV
V
PIN 2 - VPIN 1 ≥150mV
V
CM = 1.8V to 3.4V
V
IN = 8V to 40V
T
J = 25°C
Input Offset Voltage
Input Bias Current
Input Offset Current
DC Open Loop Gain
Output Low Level
Output High Level
Common Mode Rejection
Supply Voltage Rejection
Gain-Bandwidth Product (Note 7)
ELECTRICAL CHARACTERISTICS (continued)
36
34
200
3
0.6
3.2
0.3
Oscillator Section (Note 4)
Initial Accuracy
Voltage Stability
Maximum Frequency
Sawtooth Peak Voltage
Sawtooth Valley Voltage
Clock Amplitude
Clock Pulse Width
Min. Typ. Max. Min. Typ. Max.
SG1524/2524
SG3524
Units
Test Conditions
Parameter
T
J = 25°C
MIN
≤ T
J ≤ MAX
V
IN = 8V to 40V
R
T = 2KΩ, CT = 1nF
V
IN = 40V
V
IN = 8V
KHz
KHz
%
KHz
V
V
V
µs
44
46
1
3.8
1.2
1.5
40
0.1
400
1
36
34
200
3
0.6
3.2
0.3
44
46
1
3.8
1.2
1.5
40
0.1
400
1
mV
µA
µA
dB
V
V
dB
dB
MHz
10
10
2
0.5
2
1
0.2
4.2
2
60
3.8
1
5
10
1
0.5
0.5
1
0.2
4.2
2
72
3.8
70
55
1
210
200
180
200
220
200
mV
µA
T
J = 25°C
Shutdown Section
1.2
1.8
0.5
0.2
0.8
1.2
1.8
V
V
µA
V
V
µs
µs
50
2
0.4
0.2
50
2
0.4
0.2
17
17
Output Section (each transistor)
Collector Leakage Current
Collector Saturation Voltage
Emitter Output Voltage
Collector Voltage Rise Time
Collector Voltage Fall Time
V
CE = 40V
I
C = 50mA
I
E = 50mA
R
C = 2KΩ
R
C = 2KΩ
Power Consumption
Note 4. F
OSC = 40KHz (R T = 2.9KΩ, CT = .01µF)
Note 5. V
CM = 2.5V
Note 6. V
CM = 0V
Note 7. These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
10
7
10
7mA


Similar Part No. - SG3524

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SG3524 PHILIPS-SG3524 Datasheet
125Kb / 5P
   SMPS control circuit
1994 Aug 31
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG3524 TI-SG3524 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
Linear Technology
SG3524 LINER-SG3524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
STMicroelectronics
SG3524 STMICROELECTRONICS-SG3524 Datasheet
551Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - SG3524

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com