Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYS10-25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYS10-25
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYS10-25 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYS10-25_15 Datasheet HTML 1Page - Vishay Siliconix BYS10-25_15 Datasheet HTML 2Page - Vishay Siliconix BYS10-25_15 Datasheet HTML 3Page - Vishay Siliconix BYS10-25_15 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYS10-25 thru BYS10-45
www.vishay.com
Vishay General Semiconductor
Revision: 26-Mar-12
2
Document Number: 86013
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) Mounted on epoxy-glass hard tissue
(2) Mounted on epoxy-glass hard tissue, 50 mm2 35 μm Cu
(3) Mounted on Al-oxide-ceramic (Al2O3), 50 mm2 35 μm Cu
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Max. Reverse Power Dissipation vs.
Junction Temperature
Fig. 2 - Max. Reverse Current vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYS10-25
BYS10-35
BYS10-45
UNIT
Maximum instantaneous forward voltage (1)
1.0 A
VF
500
mV
Maximum DC reverse current (1)
VRRM
TJ = 25 °C
IR
500
μA
TJ = 100 °C
10
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYS10-25
BYS10-35
BYS10-45
UNIT
Maximum thermal resistance, junction to lead
RJL
25
°C/W
Maximum thermal resistance, junction to ambient
RJA (1)
150
°C/W
RJA (2)
125
RJA (3)
100
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYS10-45-E3/TR
0.064
TR
1800
7" diameter plastic tape and reel
BYS10-45-E3/TR3
0.064
TR3
7500
13" diameter plastic tape and reel
BYS10-45HE3/TR (1)
0.064
TR
1800
7" diameter plastic tape and reel
BYS10-45HE3/TR3 (1)
0.064
TR3
7500
13" diameter plastic tape and reel
80
40
0
120
160
0
1
2
3
4
7
200
5
6
BYS10-25
BYS10-35
BYS10-45
R
thJA = 25 K/W
R
thJA = 100 K/W
Junction Temperature (°C)
80
40
0
120
160
0.1
1
10
100
1000
200
V
R = VRRM
Junction Temperature (°C)


Similar Part No. - BYS10-25_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS10-25 VISHAY-BYS10-25_15 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 26-Mar-12
More results

Similar Description - BYS10-25_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com