Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS2B Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS2B
Description  Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS2B Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS2B_15 Datasheet HTML 1Page - GOOD-ARK Electronics FS2B_15 Datasheet HTML 2Page - GOOD-ARK Electronics FS2B_15 Datasheet HTML 3Page - GOOD-ARK Electronics FS2B_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS2B
Surface Mount Schottky Rectifier
Reverse Voltage 100V Forward Current 2A
www.goodark.com
1/4
2014.12-Rev.A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
eSGA
(SOD‐123FL)
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA 25 °C l
th
i
t d)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Maximum RMS voltage
70
Maximum DC blocking voltage
100
Maximum average forward rectified current
2.0
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
FS2B
Unit
Maximum repetitive peak reverse voltage
100
IFSM
A
TJ
°C
TSTG
°C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
50
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Maximum instantaneous
forward voltage
IF=2A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Til j
ti
it
40V 1MH
C
F
59
0.80
Maximum DC reverse current
at rated DC blocking voltage
IR
200
30
Parameter
Test Conditions
Symbol
FS2B
Unit
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to mount
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
59
95
℃/W
35
www.goodark.com
1/4
2014.12-Rev.A


Similar Part No. - FS2B_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FS2B-L MCC-FS2B-L Datasheet
104Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2B-L MCC-FS2B-L Datasheet
126Kb / 4P
   2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
GOOD-ARK Electronics
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
   Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H_15 Datasheet
336Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 150~200V Forward Current 2A
logo
Micro Commercial Compon...
FS2BFL MCC-FS2BFL Datasheet
334Kb / 4P
   2 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results

Similar Description - FS2B_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS22 GOOD-ARK-LS22_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 2A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
SGC151BS GOOD-ARK-SGC151BS_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 15A
SGC101BSH GOOD-ARK-SGC101BSH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com