Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS22 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS22
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS22 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS22_15 Datasheet HTML 1Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 2Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 3Page - GOOD-ARK Electronics FS22_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS22 thru FS24
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 2A
www.goodark.com
1/4
2014.04-Rev.A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
eSGA
(SOD‐123FL)
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA 25 °C l
th
i
t d)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
14
21
28
20
30
40
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2.0
Maximum repetitive peak reverse voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
FS22
FS23
FS24
20
30
40
IFSM
A
TJ
°C
TSTG
°C
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
50
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
IF=1A,TA=25℃
VF
Volts
IF=2A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
40V 1MHz
CJ
pF
120
0.50
Symbol
Unit
Maximum DC reverse current
at rated DC blocking voltage
IR
200
30
0.55
Maximum instantaneous
forward voltage
FS22
FS23
FS24
Parameter
Test Conditions
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance1)
juntion to ambient
RθJA
juntion to case
RθJC
juntion to mount
RθJM
Note:1),The thermal resistance from junction to ambient,case or mount,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
120
℃/W
60
35
95
www.goodark.com
1/4
2014.04-Rev.A


Similar Part No. - FS22_15

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FS220 FEELING-FS220 Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-A FEELING-FS220LF-A Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-B FEELING-FS220LF-B Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
FS220LF-C FEELING-FS220LF-C Datasheet
303Kb / 13P
   2 Phase High Voltage DC Motor Driver IC
logo
Littelfuse
FS224 LITTELFUSE-FS224 Datasheet
410Kb / 2P
   Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
More results

Similar Description - FS22_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
SGP0230SD GOOD-ARK-SGP0230SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A
FSL32 GOOD-ARK-FSL32_15 Datasheet
207Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
FS32A GOOD-ARK-FS32A_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
LS22 GOOD-ARK-LS22_15 Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com