Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSL32 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # FSL32
Description  Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FSL32 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  FSL32_15 Datasheet HTML 1Page - GOOD-ARK Electronics FSL32_15 Datasheet HTML 2Page - GOOD-ARK Electronics FSL32_15 Datasheet HTML 3Page - GOOD-ARK Electronics FSL32_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FSL32 thru FSL34
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 3A
www.goodark.com
4/4
2015.02-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under
ill
l
ih
h
ih
bl
i
Sh
G
dAk El
i
C
any intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co.,
Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement
of any third-party’s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials,
and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou
Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the
latest product information before purchasing a product listed herein. The information described
here may contain technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics
Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from these
inaccuracies or errors. Please also pay attention to information published by Suzhou Good-Ark
Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials including product data
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
p
pp
,
y
p
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
4/4
2015.02-Rev.A


Similar Part No. - FSL32_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSL306LRLX FAIRCHILD-FSL306LRLX Datasheet
903Kb / 16P
   Green Mode Fairchild Buck Switch
FSL306LRN FAIRCHILD-FSL306LRN Datasheet
903Kb / 16P
   Green Mode Fairchild Buck Switch
logo
Fuzetec Technology Co.,...
FSL310F-N FUZETEC-FSL310F-N Datasheet
98Kb / 3P
   Axial Leaded Low Rho PTC Resettable Fuse: FSL-N Series
logo
GOOD-ARK Electronics
FSL34T GOOD-ARK-FSL34T Datasheet
373Kb / 4P
   Surface Mount Schottky Rectifier
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
More results

Similar Description - FSL32_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS32A GOOD-ARK-FS32A_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 3A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
SGP0120SL1 GOOD-ARK-SGP0120SL1_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 1A
FS22 GOOD-ARK-FS22_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
LS32 GOOD-ARK-LS32_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~50V Forward Current 3A
FS32 GOOD-ARK-FS32_15 Datasheet
209Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 3A
SGC0320S GOOD-ARK-SGC0320S_15 Datasheet
208Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~65V Forward Current 3A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com