Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCY9100DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCY9100DWR2G
Description  Compandor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCY9100DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCY9100DWR2G Datasheet HTML 2Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 3Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 4Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 5Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 6Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 7Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 8Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 9Page - ON Semiconductor NCY9100DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCY9100
http://onsemi.com
6
Figure 6 shows how the circuit is hooked up to realize an
expandor. The input signal, VIN, is applied to the inputs of
both the rectifier and the
DG cell. When the input signal
drops by 6.0 dB, the gain control current will drop by a factor
of 2, and so the gain will drop 6.0 dB. The output level at
VOUT will thus drop 12 dB, giving us the desired 2−to−1
expansion.
+
GAIN +
2R3 VIN (avg)
R1 R2 IB
2
NOTE:
IB = 140mA
*EXTERNAL COMPONENTS
VIN
VOUT
VREF
DG
*CIN1
*CIN2
*CRECT
R3
R4
R1
R2
Figure 6. Basic Expander
Figure 7 shows the hook−up for a compressor. This is
essentially an expandor placed in the feedback loop of the op
amp. The
DG cell is setup to provide AC feedback only, so
a separate DC feedback loop is provided by the two RDC and
CDC. The values of RDC will determine the DC bias at the
output of the op amp. The output will bias to:
VOUT DC + 1 )
RDC1 ) RDC2
R4
VREF
VOUT DC + 1 )
RDCTOT
30kW
1.8V
The output of the expander will bias up to:
VOUT DC + 1 )
R3
R4
VREF
VOUT DC + 1 ) 20kW
30kW
1.8V + 3.0V
The output will bias to 3.0 V when the internal resistors are
used. External resistors may be placed in series with R3,
(which will affect the gain), or in parallel with R4 to raise the
DC bias to any desired value.
NOTE: GAIN +
R1 R2 IB
2R3 VINavg
1
2
IB = 140mA
*EXTERNAL COMPONENTS
VIN
CIN
CF
R1
R2
R3
VOUT
DG
*
CRECT *
RDC *
RDC *
CDC *
VREF
R4
Figure 7. Basic Compressor
*
+
Circuit Details − Rectifier
Figure 8 shows the concept behind the full−wave
averaging rectifier. The input current to the summing node
of the op amp, VIN/R1, is supplied by the output of the op
amp. If we can mirror the op amp output current into a
unipolar current, we will have an ideal rectifier. The output
current is averaged by R5, CR, which set the averaging time
constant, and then mirrored with a gain of 2 to become IG,
the gain control current.
CR
IG
R1
VIN
V+
I = VIN / R1
Figure 8. Rectifier Concept
R5
10kW
+


Similar Description - NCY9100DWR2G

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
   COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
   Compandor
March, 2006 ??Rev. 4
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
   Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
   Compandor
1997 Aug 14
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
   Compandor
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
49Kb / 4P
   COMPANDOR
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
   COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
   COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
   COMPANDOR
logo
NXP Semiconductors
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
   Low voltage compandor
1997 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com