Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS212SQT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCS212SQT2G
Description  Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS212SQT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCS212SQT2G Datasheet HTML 1Page - ON Semiconductor NCS212SQT2G Datasheet HTML 2Page - ON Semiconductor NCS212SQT2G Datasheet HTML 3Page - ON Semiconductor NCS212SQT2G Datasheet HTML 4Page - ON Semiconductor NCS212SQT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NCS210, NCS211, NCS212, NCS213, NCS214, NCS215
www.onsemi.com
2
R4
R2
+
R3
R1
NCS21x
REF
OUT
IN−
IN+
Supply
Load
Reference
Voltage
Output
Figure 1. Application Schematic
+2.7 V to +26 V
RSHUNT
VS
0.01
mF
To
0.1
mF
Table 1. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (Note 1)
VS
+26
V
Analog Inputs
Differential (VIN+)−(VIN−)
VIN+,VIN−
−26 to +26
V
Common−Mode (Note 2)
GND−0.3 to +26
REF Input
VREF
GND−0.3 to ( Vs) +0.3
V
Output (Note 2)
VOUT
GND−0.3 to ( Vs) +0.3
V
Input Current into Any Pin (Note 2)
5
mA
Maximum Junction Temperature
TJ(max)
+150
°C
Storage Temperature Range
TSTG
−65 to +150
°C
ESD Capability, Human Body Model (Note 3)
HBM
±3000
V
ESD Capability, Machine Model (Note 3)
MM
±100
V
Charged Device Model (Note 3)
CDM
±1000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for safe
operating parameters.
2. Input voltage at any pin may exceed the voltage shown if current at that pin is limited to 5 mA.
3. This device series incorporates ESD protection and is tested by the following methods
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model tested per AEC−Q100−011.
Latchup Current Maximum Rating: 50 mA per JEDEC standard: JESD78
Table 2. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SC70 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
250
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for safe
operating parameters.
5. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.


Similar Part No. - NCS212SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS212SQT2G ONSEMI-NCS212SQT2G Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
More results

Similar Description - NCS212SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com