Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS210SQT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS210SQT2G
Description  Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS210SQT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCS210SQT2G Datasheet HTML 1Page - ON Semiconductor NCS210SQT2G Datasheet HTML 2Page - ON Semiconductor NCS210SQT2G Datasheet HTML 3Page - ON Semiconductor NCS210SQT2G Datasheet HTML 4Page - ON Semiconductor NCS210SQT2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NCS210, NCS211, NCS212, NCS213, NCS214, NCS215
www.onsemi.com
3
Table 3. RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
VS
2.7
26
V
Ambient Temperature
TA
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Table 4. ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C, guaranteed by characterization and/or design.
At TA = +25°C, VSENSE = VIN+ − VIN−.
NCS210, NCS213, NCS214 and NCS215: VS = +5 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
NCS211 and NCS212: VS = +12 V, VIN+ = 12 V, and VREF = VS/2, unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
GAIN
NCS210
NCS211
NCS212
NCS213
NCS214
NCS215
G
200
500
1000
50
100
75
V/V
Gain Error
VSENSE = −5 mV to 5 mV
Ge
+0.2
+1
%
Gain Error vs. Temperature
TA = −10°C to 125°C
7
14
ppm/
°C
Nonlinearity Error
VSENSE = −5 mV to 5 mV
±0.01
%
Maximum Capacitive Load
No sustained oscillation
1
nF
VOLTAGE OFFSET
Offset Voltage
(RTI Note 6)
NCS210,NCS211,
NCS212, NCS214,
NCS215
VSENSE = 0 mV
VOS
±0.55
±60
mV
NCS213
±5
±100
mV
Offset Drift
dV/dT
0.1
0.6
mV/°C
INPUT
Input Bias Current
VSENSE = 0 mV
IIB
60
mA
Common−Mode Input Voltage Range
VCM
−0.3
26
V
Common−Mode
Rejection Ratio
NCS210, NCS211,
NCS212, NCS214,
NCS215
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
103
115
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
103
115
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
103
120
dB
Common−Mode
Rejection Ratio
NCS213
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
97
110
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
97
110
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
97
115
dB
OUTPUT
Output Voltage Low
Referenced from GND
RL = 10 kΩ to Ground
VOL
5
50
mV
Output Voltage High
Referenced from VS
RL = 10 kΩ to Ground
VOH
0.05
0.2
V


Similar Part No. - NCS210SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210SQT2G ONSEMI-NCS210SQT2G Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
More results

Similar Description - NCS210SQT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com