Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS199A1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS199A1
Description  Bi-Directional Zero-Drift
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS199A1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS199A1 Datasheet HTML 1Page - ON Semiconductor NCS199A1 Datasheet HTML 2Page - ON Semiconductor NCS199A1 Datasheet HTML 3Page - ON Semiconductor NCS199A1 Datasheet HTML 4Page - ON Semiconductor NCS199A1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NCS199A1, NCS199A2, NCS199A3
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −40°C to 125°C, guaranteed by characterization and/or design.
At TA = +25°C, VSENSE = VIN+ − VIN−, and VREF = VS/2, unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
GAIN
NCS199A1
NCS199A2
NCS199A3
G
50
100
200
V/V
Gain Error
VSENSE = −5 mV to 5 mV
Ge
+0.2
+1.5
%
Gain Error vs. Temperature
TA = −10°C to 125°C
7
20
ppm/
°C
Nonlinearity Error
VSENSE = −5 mV to 5 mV
±0.01
%
Maximum Capacitive Load
No sustained oscillation
1
nF
VOLTAGE OFFSET
Offset Voltage (RTI Note 6)
VSENSE = 0 mV
VOS
±5.0
±150
mV
Offset Drift
NCS199A2, NCS199A3
NCS199A1
dV/dT
0.1
0.5
0.6
2.0
mV/°C
INPUT
Input Bias Current
VSENSE = 0 mV
IIB
60
mA
Common−Mode Input Voltage Range
VCM
−0.3
26
V
Common−Mode
Rejection Ratio
NCS199A2,
NCS199A3
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
100
115
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
100
115
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
100
120
dB
Common−Mode
Rejection Ratio
NCS199A1
VS = 5 V, VIN+ = 2 V to +26 V,
VSENSE = 0 mV
CMRR
97
110
dB
VS = 3.3 V, VIN+ = 3 V to +26 V,
VSENSE = 0 mV
97
110
dB
VS = 3.3 V, VIN+ = 0 V to +26 V,
VSENSE = 0 mV (TA = −10°C to 85°C)
97
115
dB
OUTPUT
Output Voltage Low
Referenced from GND
RL = 10 kΩ to Ground
VOL
5
50
mV
Output Voltage High
Referenced from VS
RL = 10 kΩ to Ground
VOH
0.05
0.2
V
DYNAMIC PERFORMANCE
Bandwidth (f−3dB)
CLOAD = 10 pF, NCS199A1
CLOAD = 10 pF, NCS199A2
CLOAD = 10 pF, NCS199A3
BW
100
60
40
kHz
Slew Rate
SR
0.4
V/
ms
NOISE
Spectral Density, 1 kHz (RTI Note 6)
en
35
nV/ Hz
POWER SUPPLY
Operating Voltage Range
VSENSE = 0 mV
Vs
2.7
26
V
Quiescent Current
VSENSE = 0 mV
IDD
65
100
mA
Quiescent Current over Temperature
VSENSE = 0 mV
115
mA
Power Supply Rejection Ratio
VS = +2.7 V to +26 V, VIN+ =18 V,
VSENSE = 0 mV
PSRR
±0.1
±10
mV/V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. RTI = referenced−to−input.


Similar Part No. - NCS199A1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS199A1RSQT2G ONSEMI-NCS199A1RSQT2G Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS199A1SQT2G ONSEMI-NCS199A1SQT2G Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
More results

Similar Description - NCS199A1

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA219 TI-INA219 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com