Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3W800L Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB3W800L
Description  Differential 1:8 HCSL Compatible Push-Pull Clock ZDB/Fanout Buffer for PCIe
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3W800L Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB3W800L Datasheet HTML 7Page - ON Semiconductor NB3W800L Datasheet HTML 8Page - ON Semiconductor NB3W800L Datasheet HTML 9Page - ON Semiconductor NB3W800L Datasheet HTML 10Page - ON Semiconductor NB3W800L Datasheet HTML 11Page - ON Semiconductor NB3W800L Datasheet HTML 12Page - ON Semiconductor NB3W800L Datasheet HTML 13Page - ON Semiconductor NB3W800L Datasheet HTML 14Page - ON Semiconductor NB3W800L Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NB3W800L
www.onsemi.com
11
Measurement Points for Differential
Figure 4. Single−Ended Measurement Points for Vovs
, Vuds, Vrb
Figure 5. Differential (DIFFX – DIFFX#) Measurement Points (Tperiod, Duty Cycle, Jitter)
Vovs
VHigh
Vrb
Vrb
VLow
Vuds
TPeriod
Skew measurement point
0.0 V
High Duty Cycle%
Low Duty Cycle%
Test Loads
Differential Output Terminations
DIF Zo (
W)
Rs (
W)
100
33
85
27
Figure 6. Differential Test Loads
Low−Power
HCSL−
Compatible
Output Buffer
Rs
Rs
10 inches
85
W Differential Zo
2 pF
2 pF


Similar Part No. - NB3W800L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3W800L ONSEMI-NB3W800L Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
NB3W800L ONSEMI-NB3W800L Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
NB3W800LMNG ONSEMI-NB3W800LMNG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
NB3W800LMNG ONSEMI-NB3W800LMNG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
February, 2017 ??Rev. 3
NB3W800LMNTWG ONSEMI-NB3W800LMNTWG Datasheet
152Kb / 17P
   Differential 1:8 HCSLCompatible Push-Pull Clock
July, 2016 ??Rev. 2
More results

Similar Description - NB3W800L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N1200K ONSEMI-NB3N1200K_17 Datasheet
181Kb / 26P
   Differential 1:12 HCSL Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2017 ??Rev. 3
NB3N1900K ONSEMI-NB3N1900K_16 Datasheet
211Kb / 21P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer for PCIe
July, 2016 ??Rev. 4
NB3W1900L ONSEMI-NB3W1900L_18 Datasheet
185Kb / 20P
   Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
January, 2018 ??Rev. 3
NB3N1200K ONSEMI-NB3N1200K Datasheet
230Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
August, 2013 ??Rev. 0
NB3N1200K ONSEMI-NB3N1200K_16 Datasheet
180Kb / 26P
   Differential 1:12 HCSL or Push-Pull Clock ZDB/Fanout Buffer for PCle
July, 2016 ??Rev. 1
NB3N1900K ONSEMI-NB3N1900K Datasheet
198Kb / 20P
   Differential 1:19 HCSL Clock ZDB/Fanout Buffer
January, 2015 ??Rev. 3
NB3W1900L ONSEMI-NB3W1900L_16 Datasheet
181Kb / 20P
   3.3 V 100/133 MHz Differential 1:19 HCSL-Compatible Push?륯ull Clock ZDB/Fanout Buffer
July, 2016 ??Rev. 1
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
   Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
NB3L208K ONSEMI-NB3L208K Datasheet
123Kb / 13P
   2.5V, 3.3V Differential 1:8 HCSL Fanout Buffer
March, 2015 ??Rev. 2
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com