Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5214DW1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUN5214DW1
Description  Dual NPN Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5214DW1 Datasheet(HTML) 3 Page - ON Semiconductor

  MUN5214DW1 Datasheet HTML 1Page - ON Semiconductor MUN5214DW1 Datasheet HTML 2Page - ON Semiconductor MUN5214DW1 Datasheet HTML 3Page - ON Semiconductor MUN5214DW1 Datasheet HTML 4Page - ON Semiconductor MUN5214DW1 Datasheet HTML 5Page - ON Semiconductor MUN5214DW1 Datasheet HTML 6Page - ON Semiconductor MUN5214DW1 Datasheet HTML 7Page - ON Semiconductor MUN5214DW1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MUN5214DW1, NSBC114YDXV6, NSBC114YDP6
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA =25°C, common for Q1 and Q2, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB =50V, IE =0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE =50V, IB =0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC =0)
IEBO
0.2
mAdc
Collector-Base Breakdown Voltage
(IC =10 mA, IE =0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 6)
(IC = 2.0 mA, IB =0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 6)
(IC = 5.0 mA, VCE =10V)
hFE
80
140
Collector-Emitter Saturation Voltage (Note 6)
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
V
Input Voltage (Off)
(VCE = 5.0 V, IC = 100 mA)
Vi(off)
0.7
0.3
Vdc
Input Voltage (On)
(VCE = 0.2 V, IC = 1.0 mA)
Vi(on)
1.4
0.8
Vdc
Output Voltage (On)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (Off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
7
10
13
k
W
Resistor Ratio
R1/R2
0.17
0.21
0.25
6. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle
≤ 2%.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2)
(1) SOT−363; 1.0
× 1.0 Inch Pad
(2) SOT−563; Minimum Pad
(3) SOT−963; 100 mm2, 1 oz. Copper Trace
350
400
(3)


Similar Part No. - MUN5214DW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5214DW1T1 MOTOROLA-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5214DW1T1 LRC-MUN5214DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5214DW1T1 ONSEMI-MUN5214DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5214DW1T1 ETL-MUN5214DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
More results

Similar Description - MUN5214DW1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com