Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT393AD Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74VHCT393AD
Description  Dual 4?묪it Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT393AD Datasheet(HTML) 8 Page - ON Semiconductor

  MC74VHCT393AD Datasheet HTML 1Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 2Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 3Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 4Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 5Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 6Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 7Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 8Page - ON Semiconductor MC74VHCT393AD Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MC74VHCT393A
http://onsemi.com
8
PACKAGE DIMENSIONS
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
−A−
−B−
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45°
1
7
8
14
0.25 (0.010)
T B
A
M
S
S
B
0.25 (0.010) M
M
F
TSSOP−14
DT SUFFIX
CASE 948G−01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
−−−
1.20
−−−
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60
0.020
0.024
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE −W−.
__
_
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
−U−
SEATING
PLANE
0.10 (0.004)
−T−
SECTION N−N
DETAIL E
J J1
K
K1
DETAIL E
F
M
−W−
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
−V−
14X
REF
K
N
N


Similar Part No. - MC74VHCT393AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
MC74VHCT32A ONSEMI-MC74VHCT32A Datasheet
129Kb / 7P
   Quad 2-Input OR Gate CMOS Logic Level Shifter
January, 2019 ??Rev. 5
MC74VHCT32AD ONSEMI-MC74VHCT32AD Datasheet
150Kb / 8P
   QUAD 2 INPUT OR GATE CMOS LOGIC LEVEL SHIFTER
October, 1999 ??Rev. 0.0
MC74VHCT32ADR2G ONSEMI-MC74VHCT32ADR2G Datasheet
133Kb / 7P
   Quad 2-Input OR Gate / CMOS Logic Level Shifter
May, 2011 ??Rev. 4
More results

Similar Description - MC74VHCT393AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
MC74HC390A ONSEMI-MC74HC390A_14 Datasheet
127Kb / 8P
   Dual 4-Stage Binary Ripple Counter
August, 2014 ??Rev. 7
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
ON Semiconductor
MC84-74HC393 ONSEMI-MC84-74HC393 Datasheet
196Kb / 7P
   Dual 4-Stage Binary Ripple Counter
REV 6
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com