Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74ACT352 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74ACT352
Description  Dual 4?묲nput Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT352 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74ACT352 Datasheet HTML 1Page - ON Semiconductor MC74ACT352 Datasheet HTML 2Page - ON Semiconductor MC74ACT352 Datasheet HTML 3Page - ON Semiconductor MC74ACT352 Datasheet HTML 4Page - ON Semiconductor MC74ACT352 Datasheet HTML 5Page - ON Semiconductor MC74ACT352 Datasheet HTML 6Page - ON Semiconductor MC74ACT352 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74AC352, MC74ACT352
http://onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
3.3
2.0
8.5
15.0
1.0
17.5
ns
3-6
5.0
2.0
6.5
11.0
1.0
12.5
tPHL
Propagation Delay
Sn to Zn
3.3
2.0
8.0
14.5
1.0
16.5
ns
3-6
5.0
2.0
6.0
11.0
1.0
12.0
tPLH
Propagation Delay
En to Zn
3.3
2.0
6.0
13.5
1.0
16.0
ns
3-6
5.0
2.0
4.5
9.5
1.0
11.0
tPHL
Propagation Delay
En to Zn
3.3
2.0
5.5
11.0
1.0
12.5
ns
3-6
5.0
2.0
4.0
8.0
1.0
9.0
tPLH
Propagation Delay
In to Zn
3.3
2.0
7.0
12.5
1.0
14.5
ns
3-5
5.0
2.0
5.0
9.0
1.0
10.5
tPHL
Propagation Delay
In to Zn
3.3
2.0
7.0
11.5
1.0
13.0
ns
3-5
5.0
2.0
5.0
8.5
1.0
10.0
* Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 μA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 μA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
μA
VI = VCC, GND
ΔICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
μA
VIN = VCC or GND
* All outputs loaded; thresholds on input associated with output under test.
† Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74ACT352

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74ACT352 MOTOROLA-MC74ACT352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT352D MOTOROLA-MC74ACT352D Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
MC74ACT352N MOTOROLA-MC74ACT352N Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
More results

Similar Description - MC74ACT352

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153 Datasheet
180Kb / 12P
   Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC74AC20 ONSEMI-MC74AC20_06 Datasheet
122Kb / 8P
   Dual 4?묲nput NAND Gate
October, 2006 ??Rev. 8
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com