Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3212 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CM3212
Description  VTT Termination Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM3212 Datasheet(HTML) 2 Page - ON Semiconductor

  CM3212 Datasheet HTML 1Page - ON Semiconductor CM3212 Datasheet HTML 2Page - ON Semiconductor CM3212 Datasheet HTML 3Page - ON Semiconductor CM3212 Datasheet HTML 4Page - ON Semiconductor CM3212 Datasheet HTML 5Page - ON Semiconductor CM3212 Datasheet HTML 6Page - ON Semiconductor CM3212 Datasheet HTML 7Page - ON Semiconductor CM3212 Datasheet HTML 8Page - ON Semiconductor CM3212 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CM3212
http://onsemi.com
2
TYPICAL APPLICATION
VIN = 3.0 V to 3.6 V
CIN
4.7 mF/10 V
cer
220 mF/10 V
220 mF/10 V
CTT
4.7 mF
10 V
cer
VTT = 1.25 V / 2A
VIN
1
2
3
4
VTT
NC
GND
CM3212
VDDQ
EN_VTT
ADJSD
VREF
8
7
6
5
S/D
R2
10 k
R1
10 k
VDDQ = 2.5 V/2 A
Chip
Set
VDDQ
CDDQ
DL0
DLn
4.7 mF
10 V
cer
220 mF
10 V
VDDQ
RT0
RTn
DDR
REF MEMORY
CREF
0.1 mF/10 V
-
+
-
+
-
+
-
+
VIN
ADJSD
ADDQ
VTT
GND
VREF
EN_VTT
R
R
Current
Limit
Current
Limit
Current
Limit
OTP &
Shutdown
UVLO &
Bandgap
Vref
Vref1
CM3212
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - CM3212

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM3211 CML-CM3211 Datasheet
225Kb / 1P
   T-1 Wire Terminal (standard)
logo
Visual Communications C...
CM3211 VCC-CM3211 Datasheet
31Kb / 1P
   Wire Terminal (standard)
logo
List of Unclassifed Man...
CM32181 ETC1-CM32181 Datasheet
1,002Kb / 16P
   Low Power, High Sensitivity I2C Ambient Light Sensor
CM32181A3OP ETC1-CM32181A3OP Datasheet
1,002Kb / 16P
   Low Power, High Sensitivity I2C Ambient Light Sensor
More results

Similar Description - CM3212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-02 ONSEMI-CM3202-02 Datasheet
199Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Monolithic Power System...
EV20073DH-00A MPS-EV20073DH-00A Datasheet
150Kb / 4P
   2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
   3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200_V01 Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
logo
uPI Group Inc.
UP8815 UPI-UP8815 Datasheet
121Kb / 10P
   3A Ultra Low Dropout Linear Regulator DDR4 Memory VTT Termination
logo
ON Semiconductor
NCP51400 ONSEMI-NCP51400_V01 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com