Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3202-02 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CM3202-02
Description  VTT Termination Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CM3202-02 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CM3202-02 Datasheet HTML 3Page - ON Semiconductor CM3202-02 Datasheet HTML 4Page - ON Semiconductor CM3202-02 Datasheet HTML 5Page - ON Semiconductor CM3202-02 Datasheet HTML 6Page - ON Semiconductor CM3202-02 Datasheet HTML 7Page - ON Semiconductor CM3202-02 Datasheet HTML 8Page - ON Semiconductor CM3202-02 Datasheet HTML 9Page - ON Semiconductor CM3202-02 Datasheet HTML 10Page - ON Semiconductor CM3202-02 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CM3202−02
http://onsemi.com
10
APPLICATION INFORMATION (Cont’d)
PCB Layout Considerations
The CM3202−02 has a heat spreader (exposed pad) attached to the bottom of the WDFN8 package in order for the heat to
be transferred more easily from the package to the PCB. The heat spreader is a copper pad with slightly smaller dimensions
than the package itself. By positioning the matching pad on the PCB top layer to connect to the spreader during manufacturing,
the heat will be transferred between the two pads. Thermal Layout for WDFN8 package shows the CM3202−02 recommended
PCB layout. Please note there are four vias to allow the heat to dissipate into the ground and power planes on the inner layers
of the PCB. Vias must be placed underneath the chip but this can result in solder blockage. The ground and power planes need
to be at least 2 square inches of copper by the vias. It also helps dissipation if the chip is positioned away from the edge of the
PCB, and away from other heat−dissipating devices. A good thermal link from the PCB pad to the rest of the PCB will assure
the best heat transfer from the CM3202−02 to ambient temperature.
Figure 2. Thermal Layout for WDFN8 Package
Vias ( 0. 3 mm Diameter)
Thermal PAD
Solder Mask
Pin Solder Mask
Top Layer Copper
Connects to Heat Spreader
Bottom Layer
Ground Plane
Top View


Similar Part No. - CM3202-02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
More results

Similar Description - CM3202-02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3212 ONSEMI-CM3212 Datasheet
200Kb / 11P
   VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
CM3202-00 ONSEMI-CM3202-00 Datasheet
197Kb / 11P
   VTT Termination Voltage Regulator
April, 2011 ??Rev. 3
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
   DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Monolithic Power System...
EV20073DH-00A MPS-EV20073DH-00A Datasheet
150Kb / 4P
   2A, 1.30V ??6.0V DDR Memory VTT Termination Regulator
EV20075DH-00A MPS-EV20075DH-00A Datasheet
147Kb / 4P
   3A, 1.30V ??3.6V DDR Memory VTT Termination Regulator
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200_V01 Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
logo
uPI Group Inc.
UP8815 UPI-UP8815 Datasheet
121Kb / 10P
   3A Ultra Low Dropout Linear Regulator DDR4 Memory VTT Termination
logo
ON Semiconductor
NCP51400 ONSEMI-NCP51400_V01 Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com