Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT871 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT871
Description  Dual Input Reset Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT871 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT871 Datasheet HTML 1Page - ON Semiconductor CAT871 Datasheet HTML 2Page - ON Semiconductor CAT871 Datasheet HTML 3Page - ON Semiconductor CAT871 Datasheet HTML 4Page - ON Semiconductor CAT871 Datasheet HTML 5Page - ON Semiconductor CAT871 Datasheet HTML 6Page - ON Semiconductor CAT871 Datasheet HTML 7Page - ON Semiconductor CAT871 Datasheet HTML 8Page - ON Semiconductor CAT871 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT871, CAT872
http://onsemi.com
4
TIMING WAVEFORMS (Note 4)
Figure 3. Timing Waveforms
4. The order of the MR inputs going low does not matter. The last input to go low marks the beginning of tLOW_DELAY
TYPICAL CHARACTERISTICS
Figure 4. tLOW_DELAY vs. VDD (CAT87x−1.5)
Figure 5. tLOW_DELAY vs. Temperature
(CAT87x−1.5)
VDD (V)
TEMPERATURE (°C)
5
4
3
2
1
1.25
1.30
1.40
1.45
1.55
1.60
1.70
1.75
125
100
75
50
25
0
−25
−50
1.25
1.30
1.40
1.45
1.55
1.60
1.70
1.75
6
1.35
1.50
1.65
−40°C
25°C
90°C
150
1.35
1.50
1.65
1.6 V
3.2 V
5.6 V
Figure 6. tLOW_DELAY vs. VDD (CAT87x−3.0)
VDD (V)
6
5
4
3
2
0
2.5
2.6
2.9
3.1
3.3
3.5
2.7
2.8
3.0
3.2
3.4
−40°C
25°C
90°C
1


Similar Part No. - CAT871

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT8710 ONSEMI-CAT8710 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710FTD-GT3 ONSEMI-CAT8710FTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710JTD-GT3 ONSEMI-CAT8710JTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710LTD-GT3 ONSEMI-CAT8710LTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
CAT8710NTD-GT3 ONSEMI-CAT8710NTD-GT3 Datasheet
172Kb / 7P
   Quad Voltage Supervisor
March, 2010 ??Rev. 1
More results

Similar Description - CAT871

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
logo
CTS Corporation
VCT2000A CTS-VCT2000A Datasheet
141Kb / 5P
   LVPECL Output-Dual Input Clock Generator
VCT2001A CTS-VCT2001A Datasheet
145Kb / 5P
   HCMOS Output-Dual Input Clock Generator
logo
Analog Devices
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
   Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549 Datasheet
942Kb / 78P
   Dual Input Network Clock Generator/Synchronizer
Rev. PrA
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
   Threshold detector and reset generator
1998 Apr 16
logo
Analog Devices
AD9547 AD-AD9547 Datasheet
1Mb / 104P
   Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com