Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMM24-1Y18KE Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMM24-1Y18KE
Description  90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMM24-1Y18KE Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMM24-1Y18KE Datasheet HTML 1Page - Wall Industries,Inc. WMM24-1Y18KE Datasheet HTML 2Page - Wall Industries,Inc. WMM24-1Y18KE Datasheet HTML 3Page - Wall Industries,Inc. WMM24-1Y18KE Datasheet HTML 4Page - Wall Industries,Inc. WMM24-1Y18KE Datasheet HTML 5Page - Wall Industries,Inc. WMM24-1Y18KE Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 6
DATASHEET
Rev. B
WMM24 SERIES
90 ~ 264VAC
Single Output, Up to 24 Watts
Wall mount with Changeable plugs
Medical AC/DC Power Supplies
Interchangeable Plug Options:
 United States (US) Type: (Suffix “U”)
 Europe (EU) Type: (Suffix “E”)
 United Kingdom (UK) Type: (Suffix “K”)
Australia (AUS) Type: (Suffix “A”)
FEATURES
 Up to 24W
 Single Output
 RoHS Compliant
 Output Voltages Available from 5VDC to 48VDC
 100% Burn-In and Hi-Pot Tested
 Wide Input Voltage Range: 90~264VAC, 47~63Hz
 High Reliability
 Over Voltage, Over Load, and Short Circuit Protection
 EMC Compliance
 UL60601-1, EN60601-1-2, IEC 60601-1 Safety Approvals
 Meets CEC, ERP, EISA, and Energy Star Level V
Requirements
 Meets UL 1310 NEC Class 2 Requirement
 Interchangeable Plug Options: EU, UK, AUS, and US Types
DESCRIPTION
The WMM24 series offers up to 24 watts of output power in a single output wall mount power supply with interchangeable
plugs. This series has UL60601-1, EN60601-1-2, and IEC 60601-1 medical safety approvals. All units are short circuit, over
voltage, and over load protected. Output voltages range from 5 to 48VDC. All units meet CEC, ERP, EISA, and Energy Star
Level V requirements as well as UL 1310 NEC Class 2 requirements. These supplies are RoHS compliant and have been
100% burn-in and Hi-pot tested. Plugs come in United States (US), Europe (EU), Australia (AUS), and United Kingdom
(UK) types. Plugs are sold separately so please contact factory for ordering details.
UK
AUS
US
EU


Similar Part No. - WMM24-1Y18KE

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
TDK Electronics
WMM30CN050 TDK-WMM30CN050 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN090 TDK-WMM30CN090 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN120 TDK-WMM30CN120 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
More results

Similar Description - WMM24-1Y18KE

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
Qualtek Electronics Cor...
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QAWA-30 QUALTEK-QAWA-30 Datasheet
304Kb / 2P
   30/36 Watts Single Output Wall Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com