Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMMPU12B-102 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMMPU12B-102
Description  90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMMPU12B-102 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMMPU12B-102 Datasheet HTML 1Page - Wall Industries,Inc. WMMPU12B-102 Datasheet HTML 2Page - Wall Industries,Inc. WMMPU12B-102 Datasheet HTML 3Page - Wall Industries,Inc. WMMPU12B-102 Datasheet HTML 4Page - Wall Industries,Inc. WMMPU12B-102 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. E
WMMPU12 Series
Medical Approvals
US, UK, and EU Plugs
12 Watt, Single Outputs
Class II AC/DC Wall Mount Power Supplies
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
11/03/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
TECHNICAL SPECIFICATIONS: WMMPU12 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
Operating Voltage Range
Operating Input Voltage Range
90
264
VAC
Safety Approvals Input Voltage Range
100
240
Input Frequency
47
63
Hz
Input Current
Low Line
Io = Full Load, Vin = 115VAC
0.25
0.35
A
High Line
Io = Full Load, Vin = 230VAC
0.17
0.22
A
Inrush Current
Low Line
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
14
25
A
High Line
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
28
50
A
No Load Power Consumption
No Load, Vin = 240VAC
0.3
W
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
12
W
Output Current Range
See Table
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
12
16
ms
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
Temperature Coefficient
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Over Temperature Protection (See Note 1)
Verified by design/characteristics of integrated controller
-25
130
°C
GENERAL
SPECIFICATIONS
Efficiency
Io = Full Load, Vin = 230VAC
73.3
77.7
85
%
Dielectric Withstanding Voltage
Primary to Secondary
5656
VDC
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.1
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Derate linearly from 100% Load at 50°C to 50% load at 70°C
0
50
70
°C
Storage Temperature
-40
85
°C
Operating Humidity
0
95
%
Storage Humidity
0
75
%
MTBF
Operating Temp. at 25°C, calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL
SPECIFICATIONS
Weight
US Plug (A Type)
4.6oz (130g)
UK Plug (B Type)
5.3oz (150g)
EU Plug (C Type)
4.9oz (140g)
Dimensions (L x W x H)
US Plug (A Type)
2.52 x 2.17 x 2.10 inches
(64.0 x 55.0 x 53.3 mm)
UK Plug (B Type)
2.52 x 2.17 x 2.37 inches
(64.0 x 55.0 x 60.2 mm)
EU Plug (C Type)
2.52 x 2.17 x 2.70 inches
(64.0 x 55.0 x 68.6 mm)
SAFETY & EMI
Safety Approvals
US Plug (A Type)
UL/cUL 60601-1:3rd Edition
UK & EU Plugs (B & C Types)
TUV/T-mark EN60601-1:3rd Edition
EMI Requirements for CISPR-11
US Plug (A Type) Only
Vin = 120VAC, 60Hz
B
Class
EMI Requirements for CRF 47, Part-18
US Plug (A Type) Only
Vin = 120VAC, 60Hz
B
Class
EMI Requirements for EN55022
UK & EU Plugs (B & C Types) Only
Vin = 230VAC, 50Hz
B
Class


Similar Part No. - WMMPU12B-102

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
Wall Industries,Inc.
WMM15-1Y05KE WALL-WMM15-1Y05KE Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM15-1Y05KU WALL-WMM15-1Y05KU Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
More results

Similar Description - WMMPU12B-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
   90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com