Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMMPU12A-107 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # WMMPU12A-107
Description  90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMMPU12A-107 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  WMMPU12A-107 Datasheet HTML 1Page - Wall Industries,Inc. WMMPU12A-107 Datasheet HTML 2Page - Wall Industries,Inc. WMMPU12A-107 Datasheet HTML 3Page - Wall Industries,Inc. WMMPU12A-107 Datasheet HTML 4Page - Wall Industries,Inc. WMMPU12A-107 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. E
WMMPU12 Series
Medical Approvals
US, UK, and EU Plugs
12 Watt, Single Outputs
Class II AC/DC Wall Mount Power Supplies
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
11/03/2014
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
MECHANICAL DRAWING
POWER
LED (OPTIONAL)
Unit: inches (mm)
2.17±0.04 (55.0±1.0)
2.10±0.08 (53.3±2.0)
1.22±0.04
(31.1±1.0)
0.19±0.04
(4.7±1.0)
1.77±0.04 (45.0±1.0)
1.81±0.04 (46.0±1.0)
POWER
LED (OPTIONAL)
2.17±0.04 (55.0±1.0)
1.22±0.04
(31.1±1.0)
1.81±0.04 (46.0±1.0)
2.37±0.08 (60.2±2.0)
1.89±0.04 (48.0±1.0)
0.25±0.04
(6.4±1.0)
POWER
LED (OPTIONAL)
2.17±0.04 (55.0±1.0)
1.22±0.04
(31.1±1.0)
1.81±0.04 (46.0±1.0)
2.70±0.08 (68.6±2.0)
0.73±0.04
(18.5±1.0)
Unit: inches (mm)
Unit: inches (mm)
US TYPE (SUFFIX “A”)
UK TYPE (SUFFIX “B”)
EU TYPE (SUFFIX “C”)


Similar Part No. - WMMPU12A-107

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
Wall Industries,Inc.
WMM15-1Y05KE WALL-WMM15-1Y05KE Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM15-1Y05KU WALL-WMM15-1Y05KU Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
   90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
More results

Similar Description - WMMPU12A-107

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTMPU16 WALL-DTMPU16 Datasheet
290Kb / 5P
   90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com