Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMM24-1Y12KU Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # WMM24-1Y12KU
Description  90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMM24-1Y12KU Datasheet(HTML) 6 Page - Wall Industries,Inc.

  WMM24-1Y12KU Datasheet HTML 1Page - Wall Industries,Inc. WMM24-1Y12KU Datasheet HTML 2Page - Wall Industries,Inc. WMM24-1Y12KU Datasheet HTML 3Page - Wall Industries,Inc. WMM24-1Y12KU Datasheet HTML 4Page - Wall Industries,Inc. WMM24-1Y12KU Datasheet HTML 5Page - Wall Industries,Inc. WMM24-1Y12KU Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. B
WMM24 Series
Single Output, Up to 24 Watts
Medical AC/DC Power Supplies
Wall Mount with Interchangeable Plugs
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/11/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 6
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)587-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - WMM24-1Y12KU

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
WMM12-12SX-A ETA-USA-WMM12-12SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
TDK Electronics
WMM30CN050 TDK-WMM30CN050 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN090 TDK-WMM30CN090 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
WMM30CN120 TDK-WMM30CN120 Datasheet
217Kb / 2P
   AC-DC Power Supplies
June 28, 2022
More results

Similar Description - WMM24-1Y12KU

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
logo
Qualtek Electronics Cor...
QAWA-24 QUALTEK-QAWA-24 Datasheet
373Kb / 2P
   24 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
   65 Watts Single Output Wall Mount
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-5 QUALTEK-QFWB-5 Datasheet
194Kb / 2P
   5 Watts Single Output Wall Mount
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
   10 Watts Single Output Wall Mount
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
QFWB-30 QUALTEK-QFWB-30 Datasheet
375Kb / 2P
   30 Watts Single Output Wall Mount
QAWA-30 QUALTEK-QAWA-30 Datasheet
304Kb / 2P
   30/36 Watts Single Output Wall Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com