Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU16B-103 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DTMPU16B-103
Description  90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU16B-103 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DTMPU16B-103 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU16B-103 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU16B-103 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU16B-103 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU16B-103 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. A
DTMPU16 Series
Class I & II, Single Outputs
3
rd Edition Medical Approvals
15W AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 5 of 5
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working
closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to
provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss
your future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833


Similar Part No. - DTMPU16B-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTMPU16B-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
   100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com