Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTMPU16A-103 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTMPU16A-103
Description  90 - 264VAC Input Voltage Range 15 Watts, Single Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU16A-103 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTMPU16A-103 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU16A-103 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU16A-103 Datasheet HTML 3Page - Wall Industries,Inc. DTMPU16A-103 Datasheet HTML 4Page - Wall Industries,Inc. DTMPU16A-103 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. A
DTMPU16 Series
Class I & II, Single Outputs
3
rd Edition Medical Approvals
15W AC/DC Desktop Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
02/22/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Total
Regulation
(2)
Output Power
Class
AC Inlet
DTMPU16A-102
5 ~ 6 VDC
2.60 ~ 2.16 A
5%
13W
DTMPU16A-103
6 ~ 8 VDC
2.16 ~ 1.62 A
5%
13W
DTMPU16A-104
8 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
DTMPU16A-105
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
DTMPU16A-106
13 ~ 16 VDC
1.15 ~ 0.93 A
5%
15W
DTMPU16A-107
16 ~ 21 VDC
0.93 ~ 0.71 A
5%
15W
DTMPU16A-108
21 ~ 27 VDC
0.71 ~ 0.55 A
3%
15W
DTMPU16A-109
27 ~ 33 VDC
0.55 ~ 0.45 A
3%
15W
DTMPU16A-110
90 ~ 264 VAC
33 ~ 36 VDC
0.45 ~ 0.41 A
3%
15W
Class I
IEC-320-C14
DTMPU16B-102
5 ~ 6 VDC
2.60 ~ 2.16 A
5%
13W
DTMPU16B-103
6 ~ 8 VDC
2.16 ~ 1.62 A
5%
13W
DTMPU16B-104
8 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
DTMPU16B-105
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
DTMPU16B-106
13 ~ 16 VDC
1.15 ~ 0.93 A
5%
15W
DTMPU16B-107
16 ~ 21 VDC
0.93 ~ 0.71 A
5%
15W
DTMPU16B-108
21 ~ 27 VDC
0.71 ~ 0.55 A
3%
15W
DTMPU16B-109
27 ~ 33 VDC
0.55 ~ 0.45 A
3%
15W
DTMPU16B-110
90 ~ 264 VAC
33 ~ 36 VDC
0.45 ~ 0.41 A
3%
15W
Class II
IEC-320-C8
DTMPU16C-102
5 ~ 6 VDC
2.60 ~ 2.16 A
5%
13W
DTMPU16C-103
6 ~ 8 VDC
2.16 ~ 1.62 A
5%
13W
DTMPU16C-104
8 ~ 11 VDC
1.87 ~ 1.36 A
5%
15W
DTMPU16C-105
11 ~ 13 VDC
1.36 ~ 1.15 A
5%
15W
DTMPU16C-106
13 ~ 16 VDC
1.15 ~ 0.93 A
5%
15W
DTMPU16C-107
16 ~ 21 VDC
0.93 ~ 0.71 A
5%
15W
DTMPU16C-108
21 ~ 27 VDC
0.71 ~ 0.55 A
3%
15W
DTMPU16C-109
27 ~ 33 VDC
0.55 ~ 0.45 A
3%
15W
DTMPU16C-110
90 ~ 264 VAC
33 ~ 36 VDC
0.45 ~ 0.41 A
3%
15W
Class I
IEC-320-C6
NOTES
1. Over Temperature Detection: Thermal shutdown by junction temperature controller. When the power system interruption is isolated, the
product will re-start after recovering by hand.
2. Models DTMPU16-102~103 need to use AWG#16/4FT output cable in order to meet the total regulation specified.
Models DTMPU16-105~110 need to use AWG#18/4FT output cable in order to meet the total regulation specified.
The regulation and efficiency will change if a different output cable is used.
DERATING CURVE
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
120
100
80
60
40
20
0


Similar Part No. - DTMPU16A-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
More results

Similar Description - DTMPU16A-103

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
   90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
   90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
   90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
   90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
   90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
   100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com