Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTEM1024Cx Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTEM1024Cx
Description  16 - 36 Watts Medical AC - DC Desktop Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTEM1024Cx Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTEM1024Cx Datasheet HTML 1Page - Wall Industries,Inc. DTEM1024Cx Datasheet HTML 2Page - Wall Industries,Inc. DTEM1024Cx Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev B
DTEM1024 SERIES
16~36 Watts
Medical AC/DC Desktop Power Supplies
09/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 3
MECHANICAL
DRAWING
COMPANY
INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
37 Industrial Drive
Exeter, NH 03833


Similar Part No. - DTEM1024Cx

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTEM1036 WALL-DTEM1036 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A1 WALL-DTEM1036A1 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A2 WALL-DTEM1036A2 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036A3 WALL-DTEM1036A3 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
DTEM1036B1 WALL-DTEM1036B1 Datasheet
265Kb / 4P
   100 - 240VAC Input Voltage Range C14, C8, and C6 AC Inlet Connector Types
More results

Similar Description - DTEM1024Cx

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
   16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
DTEM1120 WALL-DTEM1120 Datasheet
298Kb / 3P
   100 - 130 Watts, AC - DC Medical Desktop Power Supplies
DTAM165 WALL-DTAM165 Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
WMIPEM1024 WALL-WMIPEM1024 Datasheet
261Kb / 3P
   16 - 36 Watts, Medical AC - DC Wall Mount Power
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
   100W Medical AC - DC Desktop Power Supplies
logo
Power Systems GmbH+Co.K...
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
   AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
   AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
   AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
logo
Tumbler Technologies + ...
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
   400 Watts AC/DC Medical & ITE Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
   200 Watts AC/DC Medical & ITE Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com