Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E9736A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # E9736A
Description  Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

E9736A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  E9736A_15 Datasheet HTML 1Page - GOOD-ARK Electronics E9736A_15 Datasheet HTML 2Page - GOOD-ARK Electronics E9736A_15 Datasheet HTML 3Page - GOOD-ARK Electronics E9736A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
E9736A
Low Profile Surface Mount Single Phase Bridge Rectifiers
Reverse Voltage 800V Output Current 3A
www.goodark.com
3/4
2015.01-Rev.A
Package Outline Dimensions
unit:mm
Dim
Min
Max
Dim
Min
Max
A
1.55
1.85
E1
16.05
16.35
B
16.75
17.25
F
4.25
4.65
B1
16.75
17.25
F1
5.8
6.2
C
0.25
0.45
F2
5.8
6.2
D
4.25
4.65
H
5.6
6
D1
14.00
14.40
K
1.1
1.5
E
16.05
16.35
K1
1.45
1.85
Soldering Footprint
unit:mm
www.goodark.com
3/4
2015.01-Rev.A


Similar Description - E9736A_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
E9336R GOOD-ARK-E9336R_15 Datasheet
357Kb / 5P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336A GOOD-ARK-E9336A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
LM202 GOOD-ARK-LM202_15 Datasheet
215Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~800V Output Current 2.0A
LMS36 GOOD-ARK-LMS36_15 Datasheet
193Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 3A
LMS34 GOOD-ARK-LMS34_15 Datasheet
268Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 40V Output Current 3A
LM210 GOOD-ARK-LM210_15 Datasheet
220Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 1000V Output Current 2.0A
LMD02 GOOD-ARK-LMD02_15 Datasheet
223Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
LMR02A GOOD-ARK-LMR02A_15 Datasheet
227Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.2
LM102 GOOD-ARK-LM102_15 Datasheet
219Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 1.0A
LMR02C GOOD-ARK-LMR02C_15 Datasheet
226Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers Reverse Voltage 200~1000V Output Current 0.5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com