Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCMCW60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCMCW60
Description  4 - 1 Ultra Wide Input Voltage Ranges -55C to plus 95C Operating Temperature
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCMCW60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCMCW60 Datasheet HTML 1Page - Wall Industries,Inc. DCMCW60 Datasheet HTML 2Page - Wall Industries,Inc. DCMCW60 Datasheet HTML 3Page - Wall Industries,Inc. DCMCW60 Datasheet HTML 4Page - Wall Industries,Inc. DCMCW60 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
09/05/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. A
DCMCW60 SERIES
4:1 Ultra Wide Input Voltage Ranges
-55°C to +95°C Operating Temperature
Single Outputs, Standard Half-Brick Package
60 Watt DC/DC Power Converters
APPLICATIONS
 Distributed Power Systems
 Measurement Equipment
 Telecom
 Wireless Networks
 Industry Control Systems
 Battery Operated Equipment
 Military / Defense Applications
FEATURES
 Single Outputs
 4:1 Ultra Wide Input Voltage Range: 9-36VDC and 18-75VDC
 60 Watts Output Power
 1500VDC I/O Isolation
 Up to 86% High Efficiency
 Lead Free Design, RoHS Compliant
 Operating Temperature Range: -55°C to +95°C (with derating)
 Remote ON/OFF
 Standard 2.40” x 2.28” x 0.5” Half-Brick Package
 Five-Sided Shielded Metal Case
 ±10% Output Trim
 Short Circuit, Over Voltage, Over Load, and Over Temperature
Protection
 Custom Designs Available
 Optional Heatsink Available (Suffix “HS”)
DESCRIPTION
The DCMCW60 series of isolated DC/DC power converters provides 60 Watts of continuous output power in a standard
2.40” x 2.28” x 0.5” half-brick package. This series consists of 5V, 12V, and 24VDC single output models with 4:1 input
voltage ranges of 9-36VDC or 18~75VDC. Some features include high efficiency up to 86%, remote on/off, adjustable
output voltage, 1500VDC I/O isolation, -55°C~+95°C operating temperature range (with derating), and five-sided
shielding. The DCMCW60 series is RoHS compliant and has short circuit, over load, over voltage, and over temperature
protection. These converters are best suited for use in battery operated equipment, measurement equipment, telecom,
wireless networks, industry control systems, military/defense applications and anywhere where isolated, tightly regulated
voltages and compact size are required.


Similar Part No. - DCMCW60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCMC ETC1-DCMC Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
logo
Cornell Dubilier Electr...
DCMC CDE-DCMC Datasheet
1Mb / 3P
   Screw Terminal Mounting Hardware and Accessories
logo
List of Unclassifed Man...
DCMC100M063AA0AP ETC1-DCMC100M063AA0AP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0AS ETC1-DCMC100M063AA0AS Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
DCMC100M063AA0BP ETC1-DCMC100M063AA0BP Datasheet
764Kb / 14P
   85C High Capacitance, Computer Grade, Aluminum
More results

Similar Description - DCMCW60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75 WALL-DCHBW75 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
logo
Lowpower Semiconductor ...
LP2206 POWER-LP2206 Datasheet
442Kb / 8P
   Wide Operating Voltage Ranges : 2.5V to 6.0V
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com