Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW100-48S48 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # DCHBW100-48S48
Description  82.5-100.8 Watts, Half-Brick DC-DC Power Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW100-48S48 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  DCHBW100-48S48 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW100-48S48 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wall Industries, Inc.
Rev B
DCHBW100 SERIES
82.5~100.8 Watts, Half-Brick DC/DC Power Converters
04/30/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 8
MECHANICAL DRAWINGS
METAL CASE (24VDC & 48VDC Nominal Input Models)
1.900 [48.26]
2.28 [57.9]
0.50
[12.7]
0.200 [5.08]
0.02 [0.6]
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque:
MAX 5.0kgf-cm/0.49N-m (Note 6)
BOTTOM VIEW
FRONT VIEW
SIDE VIEW
6. CASE GROUNDING: EMI CAN BE REDUCED WHEN THE FOUR SCREW BOLTS ARE CONNECTED TO THE SHIELD PLANE
7. UNIT COMES WITH EITHER M3x0.5 THREADED-THRU INSERTS OR FOR Ø.126 THRU-HOLE ADD THE “TH” SUFFIX TO MODEL NUMBER
8. FOR HEATSINK SEE THE “PRODUCT OPTIONS”TABLE FOR DIFFERENT OPTIONS
NOTE: THRU-HOLE MODELS CANNOT BE EQUIPPED WITH A HEATSINK
9. FOR TERMINAL BLOCK OPTIONS SEE PAGE 6
10. DIMENSIONS ARE FOR REFERENCE ONLY
NOTES:
1. UNIT: INCHES [MM]
2. TOLERANCE: X.XX±0.02 [X.X±0.5]
X.XXX±0.010 [X.XX±0.25]
3. PIN PITCH TOLERANCE: ±0.01 [±0.25]
4. PIN DIMENSION TOLERANCE: ±0.004 [±0.1]
5. MOUNTING SCREWS SHOULD ALWAYS BE USED
DO NOT SCALE DRAWING
PER ASME Y14.5M - 1994
INTERPRET DIMENSION AND TOLERANCE
THIRD ANGLE PROJECTION
UNLESS OTHERWISE SPECIFIED
ALL DIMENSONS ARE IN INCHES
[ XX ] ARE IN MILLIMETERS
APPLIED TOLERANCES:
ANGLES= ±1°
.XX=±.02[0.5] .XXX=±.010[0.25]
PLASTIC CASE (110VDC Nominal Input Models)
1.900 [48.26]
2.28 [57.9]
0.50
[12.7]
0.200 [5.08]
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque:
MAX 3.5kgf-cm/0.34N-m (Note 6)
BOTTOM VIEW
FRONT VIEW
SIDE VIEW
6. CASE GROUNDING: EMI CAN BE REDUCED WHEN THE FOUR SCREW BOLTS ARE CONNECTED TO THE SHIELD PLANE
7. UNIT COMES WITH EITHER M3x0.5 THREADED-THRU INSERTS OR FOR Ø.126 THRU-HOLE ADD THE “TH” SUFFIX TO MODEL NUMBER
8. FOR HEATSINK SEE THE “PRODUCT OPTIONS”TABLE FOR DIFFERENT OPTIONS
NOTE: THRU-HOLE MODELS CANNOT BE EQUIPPED WITH A HEATSINK
9. FOR TERMINAL BLOCK OPTIONS SEE PAGE 6
10. DIMENSIONS ARE FOR REFERENCE ONLY
NOTES:
1. UNIT: INCHES [MM]
2. TOLERANCE: X.XX±0.02 [X.X±0.5]
X.XXX±0.010 [X.XX±0.25]
3. PIN PITCH TOLERANCE: ±0.01 [±0.25]
4. PIN DIMENSION TOLERANCE: ±0.004 [±0.1]
5. MOUNTING SCREWS SHOULD ALWAYS BE USED
DO NOT SCALE DRAWING
PER ASME Y14.5M - 1994
INTERPRET DIMENSION AND TOLERANCE
THIRD ANGLE PROJECTION
UNLESS OTHERWISE SPECIFIED
ALL DIMENSONS ARE IN INCHES
[ XX ] ARE IN MILLIMETERS
APPLIED TOLERANCES:
ANGLES= ±1°
.XX=±.02[0.5] .XXX=±.010[0.25]


Similar Part No. - DCHBW100-48S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100-48S48 WALL-DCHBW100-48S48 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
More results

Similar Description - DCHBW100-48S48

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW100 WALL-DCHBW100_18 Datasheet
1Mb / 9P
   82.5~100.8 Watts Half-Brick DC/DC Power Converters Single Output
DCHBW200 WALL-DCHBW200_18 Datasheet
1Mb / 12P
   165~240 Watts, Half-Brick DC/DC Power Converters
DCHB200 WALL-DCHB200 Datasheet
817Kb / 9P
   165 - 255 Watts, Half-Brick DC - DC Power Converters
DCHBW200 WALL-DCHBW200 Datasheet
1Mb / 10P
   165 - 240 Watts, Half-Brick DC - DC Power Converters
DCHB200 WALL-DCHB200_18 Datasheet
2Mb / 9P
   165~255 Watts, Half-Brick DC/DC Power Converters
logo
Vicor Corporation
VE-J63-EY VICOR-VE-J63-EY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VE-J51-MW-S VICOR-VE-J51-MW-S Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J12-CY VICOR-VI-J12-CY Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
VI-J14-IW VICOR-VI-J14-IW Datasheet
302Kb / 6P
   Half Brick, DC-DC Converters
VE-J41-EY-F2 VICOR-VE-J41-EY-F2 Datasheet
297Kb / 6P
   Half Brick, DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com