Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW150-24S12 Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # DCHBW150-24S12
Description  4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW150-24S12 Datasheet(HTML) 6 Page - Wall Industries,Inc.

  DCHBW150-24S12 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW150-24S12 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev. D
DCHBW150 Series
4:1 Input Voltage Ranges
132~182 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
11/08/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 6 of 8
MECHANICAL DRAWING
METAL CASE (24VDC & 48VDC Nominal Input Models)
1.900 (48.26)
2.28 (57.9)
0.50
(12.7)
0.200 (5.08)
0.02 (0.6)
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque: MAX 0.49N.M
(5.0kgf.cm)
See Note 12
Unit: inches (mm)
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
NOTES
1. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
PIN
Define
Diameter
1
- INPUT
0.04 in.
2
CASE (optional)
0.04 in.
3
CTRL
0.04 in.
4
+ INPUT
0.04 in.
5
- OUTPUT
0.08 in.
6
- SENSE
0.04 in.
7
TRIM
0.04 in.
8
+ SENSE
0.04 in.
9
+ OUTPUT
0.08 in.
10
SYNC (optional)
0.04 in.
PLASTIC CASE (110VDC Nominal Input Models)
1.900 (48.26)
2.28 (57.9)
0.50
(12.7)
0.200 (5.08)
0.02 (0.6)
Threaded (Standard) 4-M3X0.5
Thru-Hole (“TH” suffix) 4-Ø0.126 (Ø3.2)
The screw locked torque: MAX 0.49N.M
(5.0kgf.cm)
See Note 12
Unit: inches (mm)
Output can be externally trimmed by
using the method shown below.
7
8
TRIM UP
6
7
TRIM DOWN
RU
RD
NOTES
1. Tolerance: x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
2. Pin Pitch Tolerance: ±0.01 (±0.25)
3. Pin Dimension Tolerance: ±0.004 (±0.1)
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
PIN
Define
Diameter
1
- INPUT
0.04 in.
2
CASE (optional)
0.04 in.
3
CTRL
0.04 in.
4
+ INPUT
0.04 in.
5
- OUTPUT
0.08 in.
6
- SENSE
0.04 in.
7
TRIM
0.04 in.
8
+ SENSE
0.04 in.
9
+ OUTPUT
0.08 in.
10
SYNC (optional)
0.04 in.
Product Options
Suffix
Product Options
Suffix
0.200” pin length
R
H = 0.45” Vertical
H
Negative Remote ON/OFF Logic
1
H
l
a
t
n
o
z
i
r
o
H
4
2
.
0
=
H
L
R
h
t
g
n
e
l
n
i
p
5
4
1
.
0
0.200” pin length
None
H = 0.24” Vertical
H2
Positive Remote ON/OFF Logic
S
h
t
g
n
e
l
n
i
p
5
4
1
.
0
Heatsink
(1)
3
H
l
a
t
n
o
z
i
r
o
H
5
4
.
0
=
H
Thru-Hole Inserts (No Thread)
(1)
Ø0.126 thru-hole (no thread) inserts
TH
Wall Mounted
T
Sync Pin
(2)
SY
Wall Mounted with EMC Filter
(3)
F
T
Case Pin
(2)
CP
Terminal Block
(3)(4)
Wall Mounted with Fin Type Heatsink and EMC Filter
(3)(4)
TF1
NOTES
1. Models with thru-hole inserts cannot be equipped with a heatsink.
2. No “SY” or “CP” functions for terminal block type.
3. Models with EMC filter (suffix “TF” and “TF1”) meet EN55011, EN55022 Class A.
4. “TF1” models have an ambient operating temperature of -40°C to +70°C (without derating).


Similar Part No. - DCHBW150-24S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150-24S12 WALL-DCHBW150-24S12 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S12-RT WALL-DCHBW150-24S12-RT Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S12-RTF WALL-DCHBW150-24S12-RTF Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
DCHBW150-24S12-RTF1 WALL-DCHBW150-24S12-RTF1 Datasheet
1,012Kb / 13P
   Up to 182 Watts Half-Brick DC/DC Converter Single Outputs
More results

Similar Description - DCHBW150-24S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75 WALL-DCHBW75 Datasheet
939Kb / 8P
   4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DH40 WALL-DH40 Datasheet
1Mb / 13P
   2:1 Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
LANCY WALL-LANCY Datasheet
355Kb / 6P
   Wide Input Voltage Ranges
logo
Recom International Pow...
RS3 RECOM-RS3 Datasheet
123Kb / 3P
   2:1 and 3:1 Wide Input Voltage Ranges
RS3-4805SZ RECOM-RS3-4805SZ Datasheet
122Kb / 3P
   2 1 and 3 1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
   2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
   2:1 Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
   2:1 Input Voltage Ranges
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com