Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHBW75-24S24 Datasheet(PDF) 7 Page - Wall Industries,Inc.

Part # DCHBW75-24S24
Description  4 - 1 Ultra Wide Input Voltage Ranges Up to 76.8 Watts, Single Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHBW75-24S24 Datasheet(HTML) 7 Page - Wall Industries,Inc.

  DCHBW75-24S24 Datasheet HTML 1Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 2Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 3Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 4Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 5Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 6Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 7Page - Wall Industries,Inc. DCHBW75-24S24 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. E
DCHBW75 Series
4:1 Input Voltage Ranges
Up to 76.8 Watts, Single Outputs
Half-Brick DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
05/21/2013
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 8
HEATSINK OPTIONS
Vertical Fin Orientation (Suffixes “H”, “H2”)
Horizontal Fin Orientation (Suffixes “H1”, “H3”)
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H2” suffix)
H = 0.45 inches (“H” suffix)
H
2.28 (57.9)
Unit: inches (mm)
Heatsink Options
H = 0.24 inches (“H1” suffix)
H = 0.45 inches (“H3” suffix)
TERMINAL BLOCK OPTIONS
Wall Mounted without EMC Filter (Suffix “T”)
Wall Mounted with EMC Filter (Suffix “TF”)
Terminal Block Type
T
TF
Weight
7.05oz (200g)
8.47oz (240g)
Dimensions
3.35 x 2.40 x 1.10 inches (85.0 x 61.0 x 28.0 mm)
3.35 x 2.40 x 1.27 inches (85.0 x 61.0 x 32.3 mm)
Thru-Hole Inserts (WxL)
2.126 x 3.071 inches (54.00 x 78.00 mm)
2.126 x 3.071 inches (54.00 x 78.00 mm)
NOTES
1. Terminal block models have 0.200” pin lengths. 0.145” pin lengths are not available for terminal block models.
2. Models with EMC filter (suffix “TF”) meet EN55011, EN55022 Class A.


Similar Part No. - DCHBW75-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW75-24S24 WALL-DCHBW75-24S24 Datasheet
679Kb / 9P
   Up to 76.8 Watts DC/DC Power Converter Single Outputs
More results

Similar Description - DCHBW75-24S24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHBW150 WALL-DCHBW150 Datasheet
734Kb / 8P
   4 - 1 Wide Input Voltage Ranges 132-182 Watts, Single Outputs
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com