Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCHB150-12S15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCHB150-12S15
Description  Single Outputs Ranging from 3.3VDC to 48VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCHB150-12S15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCHB150-12S15 Datasheet HTML 1Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 2Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 3Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 4Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 5Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 6Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 7Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 8Page - Wall Industries,Inc. DCHB150-12S15 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev C
DCHB150 SERIES
132~196 Watts
DC/DC Power Conerters
Single Output
10/29/2015
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 9
DCHB150-48S3.3
48VDC
(33-75VDC)
3.3 VDC
0mA
45A
75mVp-p
20mA
148.5W
136000µF
91%
DCHB150-48S05
5 VDC
0mA
34A
75mVp-p
20mA
170W
68000µF
92%
DCHB150-48S12
12 VDC
0mA
16A
100mVp-p
25mA
192W
13300µF
92%
DCHB150-48S15
15 VDC
0mA
13A
100mVp-p
25mA
195W
8600µF
93%
DCHB150-48S24
24 VDC
0mA
8A
200mVp-p
25mA
192W
3300µF
92%
DCHB150-48S28
28 VDC
0mA
7A
200mVp-p
25mA
196W
2500µF
92%
DCHB150-48S48
48 VDC
0mA
4A
300mVp-p
25mA
192W
830µF
92%
DCHB150-48S53
53 VDC
0mA
3.7A
300mVp-p
25mA
196W
690µF
92%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
12VDC nominal input models
3.3 & 5VDC models
9
12
22
VDC
Others
8.5
12
22
24VDC nominal input models
16.5
24
36
48VDC nominal input models
33
48
75
Start-Up Voltage
12VDC nominal input models
9
VDC
24VDC nominal input models
18
48VDC nominal input models
34
Shutdown Voltage
12VDC nominal input models
7.3
8.1
VDC
24VDC nominal input models
15.5
16.3
48VDC nominal input models
31.6
32.5
Input Surge Voltage (1 Sec)
12VDC nominal input models
30
VDC
24VDC nominal input models
50
48VDC nominal input models
100
Input Current
No Load
See Table
Sync Pin Signal(14)
-0.3
5.6
VDC
Input Filter(13)
Pi Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-1.0
+1.0
%
Line Regulation
Low line to high line at full load
-0.1
+0.1
%
Load Regulation
No load to full load
-0.1
+0.1
%
Voltage Adjustability(6)
Maximum output deviation is inclusive of remote sense
-20
+10
%
Remote Sense(7)
% of Vout(nom)
10
%Vo
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
Minimum input and constant resistive load
See Table
Ripple & Noise (peak to peak)
20MHz bandwidth
See Table
Transient Response Recovery Time
25% load step change
200
250
µS
Start-Up Time
Power Up
Nominal input and constant resistive load
75
mS
Remote On/Off
75
Temperature Coefficient
-0.02
+0.02
%/ºC
REMOTE ON/OFF CONTROL(5)
Positive Logic
(Option)
DC/DC ON
Open or 3~12VDC
DC/DC OFF
Short or 0~1.2VDC
Negative Logic
(Standard)
DC/DC ON
Short or 0~1.2VDC
DC/DC OFF
Open or 3~12VDC
Input Current of CTRL Pin
-0.5
1
mA
Remote OFF Input Current
3
mA
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of lout rated; Hiccup mode
120
150
%
Over Voltage Protection
% of Vout(nom); Hiccup mode
115
130
%
Over Temperature Protection
+120
ºC


Similar Part No. - DCHB150-12S15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCHB150-12S15 WALL-DCHB150-12S15 Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S15P WALL-DCHB150-12S15P Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S15R WALL-DCHB150-12S15R Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S15RL WALL-DCHB150-12S15RL Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
DCHB150-12S15S WALL-DCHB150-12S15S Datasheet
619Kb / 7P
   132~196 Watts DC/DC Power Converters Single Output
More results

Similar Description - DCHB150-12S15

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
M/A-COM Technology Solu...
MABA-000001-50KIT1 MA-COM-MABA-000001-50KIT1 Datasheet
112Kb / 1P
   transformers ranging from 1 to 3000 MHz
logo
XP Power Limited
ECP XPPOWER-ECP Datasheet
362Kb / 2P
   Single Outputs from 3.3 to 48 V
AED XPPOWER-AED Datasheet
111Kb / 4P
   Single Outputs from 5 V to 48 V
AML180 XPPOWER-AML180 Datasheet
75Kb / 2P
   Single Outputs from 18 V to 48 V
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
List of Unclassifed Man...
DWM1001 ETC2-DWM1001 Datasheet
1Mb / 30P
   Ranging accuracy to within 10cm
logo
Cree, Inc
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com