Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDCSA0402V12 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # ESDCSA0402V12
Description  Multilayer Polymer ESD Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ESDCSA0402V12 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  ESDCSA0402V12_15 Datasheet HTML 1Page - GOOD-ARK Electronics ESDCSA0402V12_15 Datasheet HTML 2Page - GOOD-ARK Electronics ESDCSA0402V12_15 Datasheet HTML 3Page - GOOD-ARK Electronics ESDCSA0402V12_15 Datasheet HTML 4Page - GOOD-ARK Electronics ESDCSA0402V12_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
@copyright Good-Ark2012
www.goodark.com
ESD TESTER
RZ
RG 223/U
4 GHz DIGITAL
OSCILLOSCOPE
450
Ω
50
Ω coax
10×
ATTENUATOR
50
Ω
DUT (DEVICE UNDER TEST)
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
CZ
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Maximum Contact discharge voltage Per IEC61000-4-2
---
15KV
V
Maximum Air discharge voltage Per IEC61000-4-2
---
25KV
V
Maximum Operating temperature
TOPER
-40 to +90
Maximum Storage temperature
TSTG
-55 to +125
Maximum lead temperature for soldering during 10s
TL
260
Electrical Characteristics(TA=25℃)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Rated Voltage
VR
---
---
---
12
V
Trigger voltage
VT
IEC61000-4-2 8KV contact discharge
---
350
---
V
Clamping voltage
VC
IEC61000-4-2 8KV contact discharge
---
35
---
V
Leakage current
IL
DC 5V shall be applied on component
---
0.1
uA
Capacitance
CP
VR = 0V, f = 1MHz
---
0.15
0.25
pF
Note:
1 Trigger and clamping voltage are measured per IEC 61000-4-2, 8KV contact discharge method.
2 After reliability tests such as high temp storage, temp cycles, continuous ESD strike etc, the maximum
leakage current is less than 10uA.
ESD Clamping Test
ESDCSA0402V12


Similar Part No. - ESDCSA0402V12_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ESDCSA0402V12 GOOD-ARK-ESDCSA0402V12 Datasheet
336Kb / 5P
   Multilayer Polymer ESD Suppressor
More results

Similar Description - ESDCSA0402V12_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MLSEP24B-0603 GOOD-ARK-MLSEP24B-0603 Datasheet
266Kb / 4P
   Multilayer Polymer ESD Suppressor
ESLP1608V05 GOOD-ARK-ESLP1608V05_15 Datasheet
124Kb / 3P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603_12 Datasheet
405Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05 Datasheet
172Kb / 3P
   Multilayer Polymer ESD Suppressor
MLSEP12A-0402 GOOD-ARK-MLSEP12A-0402_15 Datasheet
399Kb / 6P
   Multilayer Polymer ESD Suppressor
logo
Surge Components
ESLP1608V05 SURGE-ESLP1608V05 Datasheet
976Kb / 1P
   Multilayer Polymer ESD Suppressor
logo
Micro Commercial Compon...
MLESD12A-1206A4 MCC-MLESD12A-1206A4 Datasheet
227Kb / 4P
   Multilayer Polymer ESD Suppressor
logo
GOOD-ARK Electronics
MLSEP08A-2510 GOOD-ARK-MLSEP08A-2510 Datasheet
900Kb / 6P
   Multilayer Polymer ESD Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com