Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301410069 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301410069
Description  Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-30, 277V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410069 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301410069 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301410069
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-30, 277V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130141
IP Rating
N/A
NEMA Configuration
NEMA L7-30
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
Single
Specialty
N/A
Type
Connector
UPC
78678870529
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
277V
Material Info
Old Part Number
2949
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130141 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301410069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410060 MOLEX11-1301410060 Datasheet
34Kb / 1P
   Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L6-15, 250V
1301410061 MOLEX11-1301410061 Datasheet
53Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/2 Wire, NEMA L2-20, 250V
1301410062 MOLEX11-1301410062 Datasheet
34Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
1301410063 MOLEX11-1301410063 Datasheet
47Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-20, 250V
1301410064 MOLEX11-1301410064 Datasheet
47Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
More results

Similar Description - 1301410069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301420035 MOLEX11-1301420035 Datasheet
47Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-30, 277V
130142-0035 MOLEX11-130142-0035 Datasheet
54Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-30, 277V
1301410054 MOLEX11-1301410054 Datasheet
35Kb / 1P
   Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
1301420023 MOLEX11-1301420023 Datasheet
34Kb / 1P
   Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
1301410064 MOLEX11-1301410064 Datasheet
47Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
1301440033 MOLEX11-1301440033 Datasheet
35Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
130145-0034 MOLEX11-130145-0034 Datasheet
43Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
130141-0064 MOLEX11-130141-0064 Datasheet
54Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-20, 277V
130141-0045 MOLEX11-130141-0045 Datasheet
43Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
1301410045 MOLEX11-1301410045 Datasheet
36Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-15, 277V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com