Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5006ANDS Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5006ANDS
Description  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006ANDS Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5006ANDS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5006ANDS Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—11
Switching Characteristics
5006
×N series
3V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −20 to 80 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
C L = 15 pF,
Ta = –10 to 70
°C
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
3.5
7.0
ns
tr2
Measurement cct 3,
load cct 1,
0.1VDD to 0.9VDD ,
C L = 15 pF
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006BNCS , CF5006BNC
SM5006BNES , CF5006BNE
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
3.5
7.0
Output fall time
tf1
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
C L = 15 pF,
Ta = –10 to 70
°C
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006CNCS , CF5006CNC
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
3.5
7.0
ns
tf2
Measurement cct 3,
load cct 1,
0.9VDD to 0.1VDD ,
C L = 15 pF
SM5006ANCS , CF5006ANC
SM5006ANDS , CF5006AND
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006BNCS , CF5006BNC
SM5006BNES , CF5006BNE
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
3.5
7.0
Output duty cycle*1
*1. Determined by the lot monitor.
Duty
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 3.3 V, CL = 15 pF,
f
= 30MHz
SM5006ANAS , CF5006ANA
SM5006ANBS , CF5006ANB
SM5006ANCS , CF5006ANC
SM5006CNCS , CF5006CNC
4 0–6 0
%
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 3.3 V, CL = 15 pF,
f
= 40MHz
SM5006CNDS , CF5006CND
SM5006DNCS , CF5006DNC
4 0–6 0
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 3.3 V, CL = 15 pF,
f
= 50MHz
SM5006ANDS , CF5006AND
SM5006BNCS , CF5006BNC
4 0–6 0
Measurement cct 3,
load cct 1, Ta = 25
°C,
V DD = 3.3 V, CL = 15 pF,
f
= 70MHz
SM5006ANES , CF5006ANE
SM5006ANFS , CF5006ANF
SM5006BNES , CF5006BNE
SM5006CNES , CF5006CNE
SM5006DNES , CF5006DNE
4 0–6 0
Output disable delay time
tPLZ
Measurement cct 3, load cct 1, Ta = 25
°C, V DD = 5 V, CL ≤ 15 pF
100
ns
Output enable delay time
tPZL
100
ns


Similar Part No. - SM5006ANDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006ANDS NPC-SM5006ANDS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5006ANDS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com