Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXP1158 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MXP1158
Description  Phototransistor Optocoupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXP1158 Datasheet(HTML) 1 Page - Microsemi Corporation

  MXP1158 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Opto
Products
2830 S. Fairview St.
Santa Ana, CA 92704
PH: 714.979.8220
FAX: 714.557.5989
Data Sheet # MSC1334.PDF
Updated: September 1999
MXP 1158
Electrical Characteristics @ 25oC
Features
2,500 Volt electrical isolation
Standard 8-pin DIP package
High current transfer ratio for low IF
Screening similar to JANTX, JANTXV or
JANS equivalent
Description
The MXP1158 consists of a light emitting diode and an NPN phototransistor.
The device is available in a hermetic 8-pin DIP package.
Phototransistor Optocoupler
LED Input Diode
2
3
5
6
NC
Absolute Maximum Ratings
SYMBOL
CHARCTERISTIC
CONDITIONS
Min
Max
UNITS
IC(on)
On-State Collector Current
IF = 1 mA, VCE = 5 Volts
1.0
8.0
mAmps
VCEsat
Saturation Voltage
IF = 2 mA, IC = 1.0 mA
0.3
Volts
BVceo
Breakdown Voltage
IC = 1.0 mA
40
Volts
BVebo
Breakdown Voltage
Ieb = 100 uA
7
Volts
ICE(off)
Off-State Leakage Current
VC = 20 Volts
100
nAmps
VF
Input Forward Voltage
IF = 10 mA
1.0
Volts
IR
Input Reverse Current
VR = 2.0 V
100.0
uAmps
tR
Rise Time
VCC = 10 Volts, RL = 100 Ohms
20
usec
tF
Fall Time
IF = 5 mA
20
usec
1
2
3
4
7
8
5
6
Reverse Voltage
2.0 Vdc minimum @ IR = 10 uA
Forward Voltage
1.95 Vdc maximum @ IF = 100 mA
Peak Forward Current
1.0 Amp @ 1 msec pulse width
Power Dissipation
200 mW
Input to Output Isolation
+/- 2,500 Vdc
Storage Temperature Range
-65 C to +150 C
Operating Temperature Range
-55 C to +125 C


Similar Part No. - MXP1158

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1152 MICROSEMI-MXP1152 Datasheet
30Kb / 1P
   NPN Photo Transistor Hybrid Optocoupler
MXP1156 MICROSEMI-MXP1156 Datasheet
40Kb / 1P
   Photovoltaic Optocoupler
More results

Similar Description - MXP1158

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com