Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L56MNG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB6L56MNG
Description  Dual 2:1 Differential Clock Data Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L56MNG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB6L56MNG Datasheet HTML 2Page - ON Semiconductor NB6L56MNG Datasheet HTML 3Page - ON Semiconductor NB6L56MNG Datasheet HTML 4Page - ON Semiconductor NB6L56MNG Datasheet HTML 5Page - ON Semiconductor NB6L56MNG Datasheet HTML 6Page - ON Semiconductor NB6L56MNG Datasheet HTML 7Page - ON Semiconductor NB6L56MNG Datasheet HTML 8Page - ON Semiconductor NB6L56MNG Datasheet HTML 9Page - ON Semiconductor NB6L56MNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NB6L56
http://onsemi.com
7
Figure 4. Simplified Input Structure
Figure 5. Differential Input Driven Single−Ended
Figure 6. Vth Diagram
Figure 7. Differential Inputs Driven Differentially
Figure 8. Differential Inputs Driven Differentially
Figure 9. VCMR Diagram
Figure 10. AC Reference Measurement
VIHD
VILD
VID = |VIHD(IN) − VILD(IN)|
IN
IN
INxn
Vth
INxn
IN
IN
IN
IN
Q
Q
tPLH
tPHL
VINPP = VIH(IN) − VIL(IN)
VOUTPP = VOH(Q) − VOL(Q)
50 W
50 W
INxn
VTxn
INxn
VCC
GND
Vthmin
Vthmax
Vth
IN
VIHmax
VILmax
VIH
Vth
VIL
VIHmin
VILmin
VCC
GND
VCMRmin
VCMRmax
VCMR
IN
IN
VIHDmax
VILDmax
VID = VIHD − VILD
VIHDtyp
VILDtyp
VIHDmin
VILDmin
Vth
VIH
VIL
Figure 11. SEL to Qx Timing Diagram
tpd
tpd
VCC / 2
VCC / 2
SEL
Qx
Qx
VCC


Similar Part No. - NB6L56MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6L572MMNG ONSEMI-NB6L572MMNG Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6L572MMNR4G ONSEMI-NB6L572MMNR4G Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
More results

Similar Description - NB6L56MNG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
831742I IDT-831742I_17 Datasheet
524Kb / 18P
   4:2 Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831742I RENESAS-831742I Datasheet
1Mb / 21P
   4:2 Differential Clock/Data Multiplexer
July 30, 2021
logo
Integrated Device Techn...
831742I IDT-831742I Datasheet
540Kb / 20P
   4:2 Differential Clock/Data Multiplexer
831724 IDT-831724 Datasheet
496Kb / 22P
   Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
831724 RENESAS-831724 Datasheet
693Kb / 23P
   Differential Clock/Data Multiplexer
November 16, 2016
logo
Integrated Device Techn...
ICS831721I IDT-ICS831721I_14 Datasheet
622Kb / 18P
   Differential Clock/Data Multiplexer
ICS831721I IDT-ICS831721I Datasheet
2Mb / 17P
   Differential Clock/Data Multiplexer
logo
Renesas Technology Corp
ICS831721I RENESAS-ICS831721I Datasheet
1,022Kb / 19P
   Differential Clock/Data Multiplexer
FEBRUARY 3, 2014
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com