Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVMUN5333DW1T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVMUN5333DW1T1G
Description  Complementary Bias Resistor Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMUN5333DW1T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSVMUN5333DW1T1G Datasheet HTML 1Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 2Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 3Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 4Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 5Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 6Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 7Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 8Page - ON Semiconductor NSVMUN5333DW1T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MUN5333DW1, NSBC143ZPDXV6, NSBC143ZPDP6
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA =25°C both polarities Q1 (PNP) & Q2 (NPN), unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB =50V, IE =0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE =50V, IB =0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC =0)
IEBO
0.18
mAdc
Collector-Base Breakdown Voltage
(IC =10 mA, IE =0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 6)
(IC = 2.0 mA, IB =0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS
DC Current Gain (Note 6)
(IC = 5.0 mA, VCE =10V)
hFE
80
200
Collector-Emitter Saturation Voltage (Note 6)
(IC = 10 mA, IB = 1.0 mA)
VCE(sat)
0.25
V
Input Voltage (Off)
(VCE = 5.0 V, IC = 100 mA) (NPN)
(VCE = 5.0 V, IC = 100 mA) (PNP)
Vi(off)
0.6
0.67
Vdc
Input Voltage (On)
(VCE = 0.2 V, IC = 5.0 mA) (NPN)
(VCE = 0.2 V, IC = 5.0 mA) (PNP)
Vi(on)
0.9
0.91
Vdc
Output Voltage (On)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (Off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
3.3
4.7
6.1
k
W
Resistor Ratio
R1/R2
0.08
0.1
0.14
6. Pulsed Condition: Pulse Width = 300 ms, Duty Cycle
≤ 2%.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2)
(1) SOT−363; 1.0
× 1.0 Inch Pad
(2) SOT−563; Minimum Pad
(3) SOT−963; 100 mm2, 1 oz. Copper Trace
350
400
(3)


Similar Part No. - NSVMUN5333DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMUN5333DW1T1G ONSEMI-NSVMUN5333DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
NSVMUN5333DW1T1G ONSEMI-NSVMUN5333DW1T1G Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
More results

Similar Description - NSVMUN5333DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com