Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMUN5315DW1T1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # SMUN5315DW1T1G
Description  Complementary Bias Resistor Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5315DW1T1G Datasheet(HTML) 7 Page - ON Semiconductor

  SMUN5315DW1T1G Datasheet HTML 1Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 2Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 3Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 4Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 5Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 6Page - ON Semiconductor SMUN5315DW1T1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MUN5315DW1, NSBC114TPDXV6
http://onsemi.com
7
PACKAGE DIMENSIONS
HE
DIM MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020 0.021 0.023
0.007 0.009 0.011
0.059 0.062 0.066
0.043 0.047 0.051
0.02 BSC
0.004 0.008 0.012
0.059 0.062 0.066
MIN
NOM
MAX
INCHES
SOT−563, 6 LEAD
CASE 463A
ISSUE F
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
0.08
0.12
0.18 0.003 0.005 0.007
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
DTC114TP/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - SMUN5315DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5315DW1T1G ONSEMI-SMUN5315DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
More results

Similar Description - SMUN5315DW1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
MUN5336DW1 ONSEMI-MUN5336DW1 Datasheet
109Kb / 6P
   Complementary Bias Resistor Transistors
January, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com