Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC786961W Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC786961W
Description  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786961W Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC786961W Datasheet HTML 5Page - ON Semiconductor LC786961W Datasheet HTML 6Page - ON Semiconductor LC786961W Datasheet HTML 7Page - ON Semiconductor LC786961W Datasheet HTML 8Page - ON Semiconductor LC786961W Datasheet HTML 9Page - ON Semiconductor LC786961W Datasheet HTML 10Page - ON Semiconductor LC786961W Datasheet HTML 11Page - ON Semiconductor LC786961W Datasheet HTML 12Page - ON Semiconductor LC786961W Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LC786961W
No.A2081-9/29
Pin Description
Pin
No.
Pin name
I/O
State when
"Reset"
Function
1
EFMIN
AI
Input
RF signal input
2
RFOUT
AO
Undefined
RF signal output
3
LPF
AO
Undefined
RF signal DC level detection low-pass filter capacitor connection
4
PHLPF
AO
Undefined
Defect detection low-pass filter capacitor connection
5
AIN
AI
Input
A signal input
6
CIN
AI
Input
C signal input
7
BIN
AI
Input
B signal input
8
DIN
AI
Input
D signal input
9
SLCISET
AI
Input
SLCO output current setting resistor connection
10
RFMON
AO
Undefined
IC internal analog signal monitor 1
11
VREF
AO
AVDD/2
VREF voltage output
12
JITTC
AO
Undefined
Jitter detection capacitor connection
13
EIN
AI
Input
E signal input
14
FIN
AI
Input
F signal input
15
TE
AO
Undefined
TE signal output
16
TEIN
AI
Input
TE signal input used for TES signal generation
17
LDD
AO
Undefined
Laser power control signal output
18
LDS
AI
Input
Laser power detection signal input
19
AVSS
-
-
Analog system ground. This pin must be connected to the 0V level.
20
AVDD
-
-
Analog system power supply
21
YADO1
AI/AO
Input
AD input 1/FE signal monitor output
22
YADO2
AI/AO
Input
AD input 2/IC internal analog signal monitor 2
23
FDO
AO
AVDD/2
Focus control signal output
24
TDO
AO
AVDD/2
Tracking control signal output
25
SLDO
AO
AVDD/2
Sled control signal output
26
SPDO
AO
AVDD/2
Spindle control signal output
27
VVDD1
-
-
EFMPLL power supply
28
PDOUT1
AO
Undefined
EFMPLL charge pump output 1
29
PDOUT0
AO
Undefined
EFMPLL charge pump output 0
30
PCNCNT
AI
Input
EFMPLL charge pump control voltage input
31
PCKIST
AI
Input
EFMPLL charge pump current setting resistor connection pin
32
VVSS1
-
-
EFMPLL ground. This pin must be connected to the 0V level.
33
PMODE0
I
Input
Must be connected to the DVDD.
34
PMODE1
I
Input
Must be connected to the DVDD.
35
GP26
I/O
Input (L)
General purpose I/O port with pull down resistor
36
GP27
I/O
Input (L)
General purpose I/O port with pull down resistor
37
GP10
I/O
Input (L)
General purpose I/O port with pull down resistor
UART1 data transmit
38
GP11
I/O
Input (L)
General purpose I/O port with pull down resistor
UART1 data receive
39
GP12
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock control input 1
40
GP13
I/O
Input (L)
General purpose I/O port with pull down resistor
Clock control input 2
Watch Dog Timer state monitor output
SDRAM lower byte data mask control output
SDRAM-DQML (LDQM) pin should be connected for
64Mbit-SDRAM (Only when “byte access” is enabled.)
41
SDDAT15
I/O
Input (L)
SDRAM data input/output 15 (pull down resistor)
42
SDDAT14
I/O
Input (L)
SDRAM data input/output 14 (pull down resistor)
43
SDDAT13
I/O
Input (L)
SDRAM data input/output 13 (pull down resistor)
44
SDDAT12
I/O
Input (L)
SDRAM data input/output 12 (pull down resistor)
45
DVDD
-
-
Digital system power supply
46
DVSS
-
-
Digital system ground. This pin must be connected to the 0V level.
Continued to the next page.


Similar Part No. - LC786961W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
More results

Similar Description - LC786961W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com