Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA3227 Datasheet(PDF) 2 Page - ON Semiconductor

Part # GA3227
Description  Pre-configured DSP System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GA3227 Datasheet(HTML) 2 Page - ON Semiconductor

  GA3227 Datasheet HTML 1Page - ON Semiconductor GA3227 Datasheet HTML 2Page - ON Semiconductor GA3227 Datasheet HTML 3Page - ON Semiconductor GA3227 Datasheet HTML 4Page - ON Semiconductor GA3227 Datasheet HTML 5Page - ON Semiconductor GA3227 Datasheet HTML 6Page - ON Semiconductor GA3227 Datasheet HTML 7Page - ON Semiconductor GA3227 Datasheet HTML 8Page - ON Semiconductor GA3227 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CONSOLIDATOR GA3227
www.onsemi.com
2
Figure 1. Consolidator GA3227 Hybrid Block Diagram
BLOCK DIAGRAM
MGND
GND1
IN
T
VREG
SDA
TR4
TR3
TR2
TR1
VC
VB
GND2
PGND
OUT −
OUT+
VBP
VREG2
A/D
SQUELCH
SQUELCH
HP
LP
TRIMMER INTERFACE
FILTER
COMPRESSOR
COMPRESSOR
PROGRAMMING
INTERFACE
EEPROM
REGULATOR
TWIN DETECTOR
D/A
HBRIDGE
GA3227
VC GAIN
AGC−O
TWIN DETECTOR
T−coil EQ
1st or 2nd
ORDER
1st to 3rd
ORDER
LC
HC
TWIN DETECTOR
TWIN DETECTOR
Σ
19
12
11
10
18
2
16
15
17
6
9
8
7
5
TONE
GENERATOR
PEAK
CLIPPING
14
13
3
4
MS
MS2
24db/oct
BAND SPLIT
Bi−Quadratic
Filter
1
20
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Operating Temperature Range
0 to +40
°C
Storage Temperature Range
−20 to +70
°C
Absolute Maximum Power Dissipation
25
mW
Input ESD Voltage
2000
V
Maximum Operating Supply Voltage
1.5
VDC
Absolute Maximum Supply Voltage
2
VDC
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
WARNING: Electrostatic Sensitive Device − Do not open packages or handle except at a static−free workstation.
WARNING: Moisture Sensitive Device − Non−RoHS Compliant − Level 3 MSL; RoHS Compliant − Level 4 MSL. Do not open packages
except under controlled conditions.


Similar Part No. - GA3227

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GA3220 GENNUM-GA3220 Datasheet
168Kb / 2P
   Programmable Signal Processing Platform for Hearing Instruments
GA3222 GENNUM-GA3222 Datasheet
374Kb / 21P
   Advanta-TM ADRO-TM - Enabled DSP System
GA3224 GENNUM-GA3224 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
logo
ON Semiconductor
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
GA3224-E1 ONSEMI-GA3224-E1 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
More results

Similar Description - GA3227

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
GA3284 ONSEMI-GA3284 Datasheet
203Kb / 15P
   Pre-configured DSP System
August, 2015 ??Rev. 6
SA3286 ONSEMI-SA3286 Datasheet
289Kb / 16P
   Pre-configured DSP System
July, 2015 ??Rev. 2
GA3219 ONSEMI-GA3219 Datasheet
211Kb / 14P
   Pre-configured DSP System
August, 2015 ??Rev. 4
GA3216 ONSEMI-GA3216 Datasheet
212Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev. 12
GA3285 ONSEMI-GA3285 Datasheet
225Kb / 16P
   Pre-configured DSP System
August, 2015 ??Rev 3
SB3231 ONSEMI-SB3231 Datasheet
142Kb / 18P
   Pre-configured DSP System
November, 2014 ??Rev. 4
R3110 ONSEMI-R3110 Datasheet
161Kb / 14P
   Pre-fit DSP Solution
February, 2015 ??Rev. 1
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com