Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXP1022-Q Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MXP1022-Q
Description  Position Sensing Photo Detectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MXP1022-Q Datasheet(HTML) 1 Page - Microsemi Corporation

  MXP1022-Q Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Opto
P roducts
2830 S. Fairview St.
Santa Ana, CA 92704
PH: 714.979.8220
FAX: 714.557.5989
Data Sheet # MSC0274A.pdf
Updated:October 1998
MXP1020 - PS/Q
MXP1022 - PS/Q
MXP1023 - PS/Q
MXP1001 - PS/D
MXP1004 - PS/D
Electrical Characteristics @ 25oC
Features
Low Cross Talk
Excellent Stability
Low Noise
Ultra High Positioning Accuracy
Applications
Machine Tool Alignment
Angle Measurement
Targeting
Remote Optical Alignment
Guidance Systems
Position Sensing Photo Detectors
EACH ACTIVE
AREA
GAP
R
850nm
UNIFORM.
OF R
1mm dia.
SPOT
R
SH
+/-10 mV
ID
nA
V
B
10
µA
V
C
J
1kHz
pF
NEP
10V /
850nm
T
R
850nm /
50Ohm Load
ns
mm2
Dim. Inch
Inch
A / W
+/- %
MOhms
-10V
-25V
min
0 V -10 V -25 V
W/(Hz)1/2
-10 V
-25 V
MXP1020-PS/Q
7.11
.105 x .105
0.005
0.5
2
50
20
50
50
120
15
10
5 X 10-13
15
10
MXP1022-PS/Q
0.26
.020 x .020 0.0005
0.5
2
1,000
2
5
50
10
3
2
5 X 10-14
15
10
MXP1023-PS/Q
1.61
.050 x .050
0.005
0.5
2
500
5
10
50
30
5
2
8 X 10-14
15
10
MXP1001-PS/D
3.22
.100 x .050
0.005
0.5
2
100
10
20
50
60
10
5
2 X 10-13
15
10
MXP1004-PS/D
0.70
.047 x .023 0.0008
0.5
2
500
5
10
50
15
10
5
8 X 10-13
15
10
MODEL
/Q - Quad
/D - Dual


Similar Part No. - MXP1022-Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1002PC-IR MICROSEMI-MXP1002PC-IR Datasheet
43Kb / 1P
   IR Enhanced Photo Detectors
MXP1002PV-IR MICROSEMI-MXP1002PV-IR Datasheet
43Kb / 1P
   IR Enhanced Photo Detectors
MXP1005 MICROSEMI-MXP1005 Datasheet
175Kb / 5P
   Photovoltaic By-Pass Diode 120 Volts, 2.25 Amps
MXP1017 MICROSEMI-MXP1017 Datasheet
38Kb / 1P
   Photo SCR
MXP1018-C MICROSEMI-MXP1018-C Datasheet
36Kb / 1P
   Photo SCR Chip
More results

Similar Description - MXP1022-Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1045 MICROSEMI-MXP1045 Datasheet
42Kb / 1P
   UV Enhanced Photo Detectors
MXP1048 MICROSEMI-MXP1048 Datasheet
43Kb / 1P
   IR Enhanced Photo Detectors
MXP1051HS MICROSEMI-MXP1051HS Datasheet
36Kb / 1P
   High Speed Photo Detectors
logo
Motorola, Inc
MRD300 MOTOROLA-MRD300 Datasheet
152Kb / 3P
   PHOTO DETECTORS TRANSISTOR OUTPUT
logo
Microsemi Corporation
MXP1123 MICROSEMI-MXP1123 Datasheet
49Kb / 1P
   High Speed Photo Detectors
P3MXP1039 MICROSEMI-P3MXP1039 Datasheet
266Kb / 3P
   Visible Enhanced Photo Detectors
MXP1042 MICROSEMI-MXP1042 Datasheet
42Kb / 1P
   Blue Enhanced Photo Detectors
MXP1055PC-IR MICROSEMI-MXP1055PC-IR Datasheet
35Kb / 1P
   IR Enhanced Photo Detectors
logo
List of Unclassifed Man...
MLX90711 ETC-MLX90711 Datasheet
144Kb / 12P
   Position/movement Sensing Auto-Shutoff
S1-0009 ETC2-S1-0009 Datasheet
110Kb / 2P
   HIGH LINEARITY POSITION SENSING DETECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com