Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50A02MH-TL-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # 50A02MH-TL-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

50A02MH-TL-E Datasheet(HTML) 1 Page - ON Semiconductor

  50A02MH-TL-E Datasheet HTML 1Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 2Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 3Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 4Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 5Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 6Page - ON Semiconductor 50A02MH-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
71112 TKIM/O3103 TSIM TA-100701 No.7488-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
50A02MH
Bipolar Transistor
–50V, –0.5A, Low VCE(sat) PNP Single MCPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Low-frequency Amplifier, high-speed switching small motor drive, muting circuit
Features
Large current capacity
Low collector-to-emitter saturation voltage (resistance) RCE(sat) typ=210mΩ[IC=0.5A, IB=50mA]
Small ON-resistance (Ron)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--50
V
Collector-to-Emitter Voltage
VCEO
--50
V
Emitter-to-Base Voltage
VEBO
--5
V
Collector Current
IC
--500
mA
Collector Current (Pulse)
ICP
--1.0
A
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7019A-004
Ordering number : EN7488A
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
TL
50A02MH-TL-E
AM
3
2
1


Similar Part No. - 50A02MH-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
50A02MH SANYO-50A02MH Datasheet
52Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 50A02MH-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com