Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1835S-AA Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD1835S-AA
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1835S-AA Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1835S-AA Datasheet HTML 1Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 2Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 3Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 4Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 5Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 6Page - ON Semiconductor 2SD1835S-AA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SD1835
No.2158-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=50V, IE=0A
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
100
nA
DC Current Gain
hFE1VCE=2V, IC=100mA
100*
560*
hFE2VCE=2V, IC=1.5A
40
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
150
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
12
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=50mA
0.15
0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=50mA
0.9
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
550
ns
Fall Time
tf
30
ns
* : The 2SD1835 is classified by 100mA hFE as follows :
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SD1835S
NP
500pcs./bag
Pb Free
2SD1835T
NP
500pcs./bag
2SD1835S-AA
NP
1,500pcs./box
2SD1835T-AA
NP
1,500pcs./box
VR
RB
VCC
VBE= --5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
IB1
IB2
IC=10IB1= --10IB2=500mA, VCC=25V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
ITR09361
0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.4
0.8
1.2
1.6
2.0
2.4
IB=0mA
50mA
25mA
40mA
15mA
8mA
ITR09363
04
28
612
10
0
200
400
600
800
1000
1200
IB=0mA
7mA
5mA
4mA
3mA
2mA
1mA
6mA
4mA
2mA


Similar Part No. - 2SD1835S-AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1835S-AA ONSEMI-2SD1835S-AA Datasheet
387Kb / 7P
   Bipolar Transistor
September, 2013
More results

Similar Description - 2SD1835S-AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com