Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-29U Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-29U
Description  Chassis Mount: Single Secondary
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-29U Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-29U_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Single Secondary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox, Blvd.
Perris, California
92532
Publish Date: June 9, 2014
BLK/RED
BLK
GRN
GRN
GRN/YEL
BLK/WHT
BLK/YEL
E
A
GRN
B
4 SLOTS.
GRN
GRN/YEL
C
MTG-SLOTS
.203 X .375"
BLK/WHT
BLK/RED
BLK/YEL
D
BLK
F-29U
Electrical Specifications (@25C)
1. Maximum Power: 132VA
2. Primary: 115V 50/60 Hz
3. Secondary: 12.0VCT or 11.0VCT or 10VCT @ 11.0 Amps*
4. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-29U is part of a series which has a long history of reliable service in the field,
made from a proven design and constructed with UL recognized materials.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 3000V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: In inches
A
B
C
D
E
4.125
3.50
3.375
2.75±0.30
2.5±0.060
Lead length:
7.0 inches + 1 inch
Weight:
6.5 lbs
Schematic:
Connections*:
A. Applying 115VAC across Black to Black/White will produce an output
voltage of 12VCT at rated current
B. Applying 115VAC across Black to Black/Red will produce an output
voltage of 11VCT at rated current
C. Applying 115VAC across Black to Black/Yellow will produce an output
voltage of 10VCT at rated current
Only one primary connection should be made at any given time.
CT = Center tap. Measuring a voltage from the CT lead (GRN/YEL) to either
Green leads will yield approximately half of the secondary voltage.
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - F-29U_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-29U TRIAD-F-29U Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
More results

Similar Description - F-29U_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-191U TRIAD-F-191U_13 Datasheet
43Kb / 1P
   Chassis Mount: Single Secondary
F-325X TRIAD-F-325X_13 Datasheet
42Kb / 1P
   Chassis Mount: Single Secondary
F-3115X TRIAD-F-3115X_13 Datasheet
118Kb / 1P
   Chassis Mount: Single Secondary
F-3181U TRIAD-F-3181U_13 Datasheet
46Kb / 1P
   Chassis Mount: Single Secondary
F-272U TRIAD-F-272U_13 Datasheet
43Kb / 1P
   Chassis Mount: Single Secondary
F-256U TRIAD-F-256U_13 Datasheet
43Kb / 1P
   Chassis Mount: Single Secondary
F-259U TRIAD-F-259U_13 Datasheet
43Kb / 1P
   Chassis Mount: Single Secondary
F-46X TRIAD-F-46X_13 Datasheet
114Kb / 1P
   Chassis Mount: Single Secondary
F-56X TRIAD-F-56X_13 Datasheet
116Kb / 1P
   Chassis Mount: Single Secondary
F-69X TRIAD-F-69X_13 Datasheet
41Kb / 1P
   Chassis Mount: Single Secondary
F-70X TRIAD-F-70X_13 Datasheet
115Kb / 1P
   Chassis Mount: Single Secondary
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com