Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS1N6157 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANS1N6157
Description  BIDIRECTIONAL TRANSIENT SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS1N6157 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANS1N6157 Datasheet HTML 1Page - Microsemi Corporation JANS1N6157 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - JANS1N6157

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6309 MICROSEMI-JANS1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
JANS1N6309 MICROSEMI-JANS1N6309 Datasheet
132Kb / 2P
   500mW ZENER DIODES
JANS1N6310 MICROSEMI-JANS1N6310 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
JANS1N6310 MICROSEMI-JANS1N6310 Datasheet
132Kb / 2P
   500mW ZENER DIODES
JANS1N6311 MICROSEMI-JANS1N6311 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
More results

Similar Description - JANS1N6157

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6103 DIGITRON-1N6103 Datasheet
453Kb / 3P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
logo
Microsemi Corporation
1N6103 MICROSEMI-1N6103 Datasheet
108Kb / 2P
   BIDIRECTIONAL TRANSIENT SUPPRESSORS
60KS200C MICROSEMI-60KS200C Datasheet
71Kb / 2P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Comchip Technology
CEE COMCHIP-CEE Datasheet
111Kb / 2P
   Bidirectional ESD / Transient Suppressors
logo
Microsemi Corporation
1N6267 MICROSEMI-1N6267_09 Datasheet
234Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
P4KE10 HY-P4KE10_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
P4KE HY-P4KE_V01 Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
1-5KE10C HY-1-5KE10C_17 Datasheet
143Kb / 5P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com