Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM23S-4AG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSM23S-4AG
Description  NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSM23S-4AG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSM23S-4AG Datasheet HTML 1Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 2Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 3Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 4Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 5Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 6Page - List of Unclassifed Manufacturers TSM23S-4AG Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part Number:
TSM23S-4AG
Supply Voltage:
12-70 VDC
Supply Voltage Type:
DC
Control Modes:
Step & Direction
Analog Torque / Velocity
Streaming Commands
Analog Positioning
Encoder Following
Velocity Control
Communication Ports:
RS-232
Encoder Feedback:
Yes
Setup Method:
Software setup
Digital Inputs:
8
Digital Outputs:
4
Analog Inputs:
1 single-ended
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Status LEDs:
1 red, 1 green
Frame Size:
NEMA 23
Holding Torque:
340 oz-in
Step Angle:
1.8 deg
Rotor Inertia:
6.94E-03 oz-in-sec
Length:
4.75 inches
Weight:
49.4 oz
Operating Temperature
Range:
0-85 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Insulation Class:
Class B (130 ºC)
Maximum Radial Load:
17 lbs
Maximum Thrust
Load:
2.5 lbs
Specifications
2


Similar Part No. - TSM23S-4AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM23S-4RG ETC2-TSM23S-4RG Datasheet
193Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
More results

Similar Description - TSM23S-4AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSM23S-3AG ETC2-TSM23S-3AG Datasheet
196Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
TSM23S-4RG ETC2-TSM23S-4RG Datasheet
193Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
TSM23S-2AG ETC2-TSM23S-2AG Datasheet
195Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
TSM23S-2RG ETC2-TSM23S-2RG Datasheet
191Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
TSM23S-3RG ETC2-TSM23S-3RG Datasheet
192Kb / 7P
   NEMA 23 Integrated StepSERVO??Motor w/ Streaming Command support
SSM23IP-2EG ETC2-SSM23IP-2EG Datasheet
255Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ EtherNet/IP
SSM23IP-4EG ETC2-SSM23IP-4EG Datasheet
250Kb / 10P
   NEMA 23 Integrated StepSERVO Motor w EtherNet IP
SSM23IP-3EG ETC2-SSM23IP-3EG Datasheet
257Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ EtherNet/IP
TSM23P-4AG ETC2-TSM23P-4AG Datasheet
257Kb / 10P
   NEMA 23 Integrated StepSERVO??Motor w/ Pulse & Direction Control
TSM23C-2CG ETC2-TSM23C-2CG Datasheet
259Kb / 10P
   NEMA 23 Integrated CANopen StepSERVO??Motor w/ Q Programming
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com