Electronic Components Datasheet Search |
|
NSI45025AZT1G Datasheet(PDF) 1 Page - ON Semiconductor |
|
NSI45025AZT1G Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2013 July, 2013 − Rev. 3 1 Publication Order Number: NSI45025AZ/D NSI45025AZ, NSV45025AZ Constant Current Regulator & LED Driver 45 V, 25 mA + 10%, 1.4 W Package The linear constant current regulator (CCR) is a simple, economical and robust device designed to provide a cost−effective solution for regulating current in LEDs (similar to Constant Current Diode, CCD). The CCR is based on Self-Biased Transistor (SBT) technology and regulates current over a wide voltage range. It is designed with a negative temperature coefficient to protect LEDs from thermal runaway at extreme voltages and currents. The CCR turns on immediately and is at 25% of regulation with only 0.5 V Vak. It requires no external components allowing it to be designed as a high or low−side regulator. The high anode-cathode voltage rating withstands surges common in Automotive, Industrial and Commercial Signage applications. The CCR comes in thermally robust packages and is qualified to AEC-Q101 standard, and UL94−V0 certified. Features • Robust Power Package: 1.4 Watts • Wide Operating Voltage Range & Immediate Turn-On • Voltage Surge Suppressing − Protecting LEDs • SBT (Self−Biased Transistor) Technology • Negative Temperature Coefficient • NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable • These Devices are Pb−Free, Halogen Free and are RoHS Compliant Applications • Automobile: Chevron Side Mirror Markers, Cluster, Display & Instrument Backlighting, CHMSL, Map Light • AC Lighting Panels, Display Signage, Decorative Lighting, Channel Lettering • Switch Contact Wetting • Application Note AND8391/D − Power Dissipation Considerations • Application Note AND8349/D − Automotive CHMSL MAXIMUM RATINGS (TA = 25°C unless otherwise noted) Rating Symbol Value Unit Anode−Cathode Voltage Vak Max 45 V Reverse Voltage VR 500 mV Operating and Storage Junction Temperature Range TJ, Tstg −55 to +150 °C ESD Rating: Human Body Model Machine Model ESD Class 1C Class B Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. http://onsemi.com SOT−223 CASE 318E STYLE 2 MARKING DIAGRAM (Note: Microdot may be in either location) Anode 1 Cathode 2/4 1 AYW AAFG G A = Assembly Location Y = Year W = Work Week AAF = Specific Device Code G = Pb−Free Package C C ANC Ireg(SS) = 25 mA @ Vak = 7.5 V Device Package Shipping† ORDERING INFORMATION NSI45025AZT1G SOT−223 (Pb−Free) 1000/Tape & Reel NSV45025AZT1G SOT−223 (Pb−Free) 1000/Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Similar Part No. - NSI45025AZT1G |
|
Similar Description - NSI45025AZT1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |